công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST25DV04K bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện ST25DV04K
Giải thích chi tiết về linh kiện  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 48Page - STMicroelectronics ST25DV04K Datasheet HTML 49Page - STMicroelectronics ST25DV04K Datasheet HTML 50Page - STMicroelectronics ST25DV04K Datasheet HTML 51Page - STMicroelectronics ST25DV04K Datasheet HTML 52Page - STMicroelectronics ST25DV04K Datasheet HTML 53Page - STMicroelectronics ST25DV04K Datasheet HTML 54Page - STMicroelectronics ST25DV04K Datasheet HTML 55Page - STMicroelectronics ST25DV04K Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 220 page
background image
ST25DVxxx specific features
ST25DV04K ST25DV16K ST25DV64K
52/220
DocID027603 Rev 4
Figure 18. RF_WRITE chronogram
5.2.2
GPO and power supply
When at the same time RF field is present and VCC is ON, GPO is acting as configured in
GPO, GPO_CTRL_Dyn and IT_TIME registers.
When the RF field disappears, the GPO state is reset and the output level is set to high-Z
(open drain) or tied low (CMOS). Interruption status in IT_STS_Dyn register is maintained
until next I2C read or VCC power off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More