| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAS1000-4BSTZ bảng dữ liệu(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000-4BSTZ bảng dữ liệu(HTML) 15 Page - Analog Devices |
|
15 / 80 page ![]() Data Sheet ADAS1000-3/ADAS1000-4 8B PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS Figure 7. ADAS1000-3, 64-Lead LQFP Pin Configuration Figure 8. ADAS1000-3, 56-Lead LFCSP Pin Configuration Figure 9. ADAS1000-4, 64-Lead LQFP Pin Configuration Figure 10. ADAS1000-4, 56-Lead LFCSP Pin Configuration DGND IOVDD GPIO0/MCS GPIO1/MSCLK GPIO2/MSDO GPIO3 DGND CS DRDY SDI SCLK SDO IOVDD DGND NC NC PIN 1 ADAS1000-3 64-LEAD LQFP TOP VIEW (Not to Scale) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 NC NC REFGND REFOUT REFIN ECG1_LA ECG2_LL NC AGND NC NC AGND NC NC NC ECG3_RA NOTES 1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND. AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT. PIN 1 INDICATOR 1 AGND 2 NC 3 NC 4 NC 5 NC 6 REFGND 7 REFOUT 8 REFIN 9 ECG1_LA 10 ECG2_LL 11 ECG3_RA 12 NC 13 NC 14 AGND 35 DGND 36 CS 37 DRDY 38 SDI 39 SCLK 40 SDO 41 IOVDD 42 DGND NOTES 1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND. AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT. 2. THE EXPOSED PAD IS ON THE TOP OF THE PACKAGE; IT IS CONNECTED TO THE MOST NEGATIVE POTENTIAL, AGND. 34 GPIO3 33 GPIO2/MSDO 32 GPIO1/MSCLK 31 GPIO0/MCS 30 IOVDD 29 DGND ADAS1000-3 56-LEAD LFCSP TOP VIEW (Not to Scale) DGND IOVDD ____ GPIO0/MCS GPIO1/MSCLK GPIO2/MSDO GPIO3 DGND CS DRDY SDI SCLK SDO IOVDD DGND NC NC PIN 1 ADAS1000-4 64-LEAD LQFP TOP VIEW (Not to Scale) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 EXT_RESP_LA EXT_RESP_LL REFGND REFOUT REFIN ECG1_LA ECG2_LL EXT_RESP_RA AGND NC RESPDAC_RA AGND NC NC NC ECG3_RA NOTES 1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND. AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT. PIN 1 INDICATOR 1 AGND 2 RESPDAC_RA 3 EXT_RESP_RA 4 EXT_RESP_LL 5 EXT_RESP_LA 6 REFGND 7 REFOUT 8 REFIN 9 ECG1_LA 10 ECG2_LL 11 ECG3_RA 12 NC 13 NC 14 AGND 35 36 37 38 39 40 41 42 34 33 32 31 30 29 ADAS1000-4 56-LEAD LFCSP TOP VIEW (Not to Scale) DGND CS DRDY SDI SCLK SDO IOVDD DGND GPIO3 GPIO2/MSDO GPIO1/MSCLK GPIO0/MCS IOVDD DGND NOTES 1. PINS LABELED NC CAN BE ALLOWED TO FLOAT, BUT IT IS BETTER TO CONNECT THESE PINS TO GROUND. AVOID ROUTING HIGH SPEED SIGNALS THROUGH THESE PINS BECAUSE NOISE COUPLING MAY RESULT. 2. THE EXPOSED PAD IS ON THE TOP OF THE PACKAGE; IT IS CONNECTED TO THE MOST NEGATIVE POTENTIAL, AGND. Rev. B | Page 15 of 80 |