công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAS1000-4BSTZ bảng dữ liệu(PDF) 50 Page - Analog Devices

tên linh kiện ADAS1000-4BSTZ
Giải thích chi tiết về linh kiện  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ bảng dữ liệu(HTML) 50 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 49Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 50Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 51Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 52Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 53Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
INTERFACING IN GANG MODE
As shown in Figure 74, when using multiple devices, the
user must collect the ECG data directly from each device.
The example shown in Figure 75 illustrates one possibility
of how to approach interfacing to a master and slave device.
Note that SCLK, SDO, and SDI are shared here with
individual
EE
AA
lines. This requires the user to read the data
on both devices twice as fast to ensure that they can capture
all the data to maintain the chosen data rate and ensure they
have the relevant synchronized data. Alternative methods
might use individual controllers for each device or separate
SDO paths.
CS
For some applications, digital isolation is required between
the host and the ADAS1000-3/ADAS1000-4. The example
shown illustrates a means to ensure that the number of lines
requiring isolation is minimized.
Figure 75. One Method of Interfacing to Multiple Devices
MASTER
SCLK
SDI
CS
SDO
DRDY (Optional)
SCLK
SDI
CS2
SDO
CS1
SLAVE
SCLK
SDI
CS
SDO
DRDY (Optional)
MICROCRONTROLLER/
DSP
Rev. B | Page 50 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com