| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADAS1000-4BSTZ bảng dữ liệu(PDF) 30 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAS1000-4BSTZ bảng dữ liệu(HTML) 30 Page - Analog Devices |
|
30 / 80 page ![]() ADAS1000-3/ADAS1000-4 Data Sheet Figure 56. Electrode and Lead Configurations, Analog Lead Mode Figure 57. Electrode and Lead Configurations, Digital Lead Mode VCM = WCT = (LA + LL + RA)/3 COMMON- MODE AMP ECG1_LA ECG2_LL ECG3_RA AMP ADC ADC ADC CM_IN FOR EXAMPLE RA COMMON ELECTRODE CE IN + – CM_OUT/WCT LEAD I (LA – RA) LEAD III (LL – LA) LEAD II (LL – RA)* *GETS MULITPLED BY –1 IN DIGITAL AMP + – AMP + – MODE COMMENT WORD1 WORD2 WORD3 ANALOG LEAD LEAD I (LA − RA) LEAD II (LL − RA) LEAD III (LL − LA) ANALOG LEAD 0x0A [4]1 0x01 [10]2 0x05 [8]3 0 1 0 1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE. 2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE). 3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED. COMMON- MODE AMP AMP ADC ADC ADC CM_IN FOR EXAMPLE, RA COMMON ELECTRODE CE IN + – CM_OUT/WCT AMP + – AMP + – ECG1_LA ECG 2_LL ECG3_RA LEAD I LA – RA LEAD II LL – RA LEAD III LL – LA VCM = WCT = (LA + LL + RA)/3 MODE COMMENT WORD1 WORD2 WORD3 LEAD I (LA − RA) LEAD II (LL − RA) LEAD III (LL − LA) SINGLE-ENDED INPUT, DIGITALLY CALCULATED LEADS DIGITAL LEAD 0x0A [4]1 0x01 [10]2 0x05 [8]3 0 0 0 1REGISTER FRMCTL, BIT DATAFMT: 0 = LEAD/VECTOR MODE; 1 = ELECTRODE MODE. 2REGISTER ECGCTL, BIT CHCONFIG: 0 = SINGLE ENDED INPUT (DIGITAL LEAD MODE OR ELECTRODE MODE); 1 = DIFFERENTIAL IN PUT (ANALOG LEAD MODE). 3REGISTER CMREFCTL, BIT CEREFEN: 0 = CE DISABLED; 1 = CE ENABLED. DIGITAL DOMAIN CALCULATIONS Rev. B | Page 30 of 80 |