| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 219 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 219 Page - STMicroelectronics |
|
219 / 277 page ![]() DocID029257 Rev 1 219/277 L9680 System voltage diagnostics 276 0 1 0000 1 $21 VIN pin voltage VIN 0 1 0001 0 $22 Internal analog supply voltage (VINT3V3) VINT3V3 0 1 0001 1 $23 Internal digital supply voltage (CVDD) CVDD 0 1 0010 0 $24 ERBOOST pin voltage ERBOOST 0 1 0010 1 $25 SYNCBOOST pin voltage SYNCBOOST 0 1 0011 0 $26 VER pin voltage VER 0 1 0011 1 $27 SATBUCK voltage SATBUCK 0 1 0100 0 $28 VCC voltage VCC 0 1 0100 1 $29 WAKEUP pin voltage WAKEUP 0 1 0101 0 $2A VSF pin voltage VSF 0 1 0101 1 $2B WDTDIS pin voltage WDTDIS 0 1 0110 0 $2C GPOD0 pin voltage GPOD0 0 1 0110 1 $2D GPOS0 pin voltage GPOS0 0 1 0111 0 $2E GPOD1 pin voltage GPOD1 0 1 0111 1 $2F GPOS1 pin voltage GPOS1 0 1 1000 0 $30 GPOD2 pin voltage GPOD2 0 1 1000 1 $31 GPOS2 pin voltage GPOS2 0 1 1001 0 $32 RSU0 pin Voltage RSU0 0 1 1001 1 $33 RSU1 pin Voltage RSU1 0 1 1010 0 $34 RSU2 pin Voltage RSU2 0 1 1010 1 $35 RSU3 pin Voltage RSU3 0 1 1011 0 $36 SS0 pin voltage SS0 0 1 1011 1 $37 SS1 pin voltage SS1 0 1 1100 0 $38 SS2 pin voltage SS2 0 1 1100 1 $39 SS3 pin voltage SS3 0 1 1101 0 $3A SS4 pin voltage SS4 0 1 1101 1 $3B SS5 pin voltage SS5 0 1 1110 0 $3C SS6 pin voltage SS6 0 1 1110 1 $3D SS7 pin voltage SS7 0 1 1111 0 $3E SS8 pin voltage SS8 0 1 1111 1 $3F SS9 pin voltage SS9 1 0 0000 0 $40 SSA pin voltage SSA 1 0 0000 1 $41 SSB pin voltage SSB Table 18. Diagnostics control register (DIAGCTRLx) (continued) ADC Request (ADCREQx) Voltage Measurement Selection ADC Results (ADCRESx) Bit[6:0] Hex Bit[9:0] |