| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 277 page ![]() Table 6. Global SPI register map GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming 0 0000000 $00 R FLTSR Global fault status register 0 0000001 $01 R/W SYS_CFG Power supply configuration(2) X X XXX 0 0000010 $02 R/W SYS_CTL Register for power management X X X X X 0 0000011 $03 W SPI_SLEEP Sleep Mode command X X X X X 0 0000100 $04 R SYS_STATE Read register to report in which state the power control state machine is and also in which operating state the device is 0 0000101 $05 R POWER_STATE Power state register (feedback on regulators' status and voltage thresholds) 0 0000110 $06 R/W DCR_0 Deployment configuration register X XXX 0 0000111 $07 R/W DCR_1 X X X X 0 0001000 $08 R/W DCR_2 X X X X 0 0001001 $09 R/W DCR_3 X X X X 0 0001010 $0A R/W DCR_4 X X X X 0 0001011 $0B R/W DCR_5 X X X X 0 0001100 $0C R/W DCR_6 X X X X 0 0001101 $0D R/W DCR_7 X X X X 0 0001110 $0E R/W DCR_8 X X X X 0 0001111 $0F R/W DCR_9 X X X X 0 0010000 $10 R/W DCR_A X X X X 0 0010001 $11 R/W DCR_B X X X X 0 0010010 $12 R/W DEPCOM Deployment command register X X 0 0010011 $13 R DSR_0 Deployment status register 0 0010100 $14 R DSR_1 0 0010101 $15 R DSR_2 |