| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 277 page ![]() 0 0101111 $2F W SCRAP_KEY Scrap Key command X X 0 0110000 $30 W SCRAP_STATE Scrap State command X 0 0110001 $31 W SAFING_STATE Safing State command X 0 0110010 $32 W WD2_RECOVER Watchdog second level recovery command X X X X X 0 0110011 $33 R WD2_SEED Watchdog second level seed transmission 0 0110100 $34 W WD2_KEY Watchdog second level key transmission X X X X X 0 0110101 $35 W WD_TEST Watchdog first and second level test X X X X X 0 0110110 $36 R/W SYSDIAGREQ Diagnostic command for system safing X 0 0110111 $37 R LPDIAGSTAT Diagnostic result register for deployment loops 0 0111000 $38 R/W LPDIAGREQ Diagnostic configuration command for deployment loops X XXX 0 0111001 $39 R/W SWCTRL DC sensor diagnostic configuration X X X X 0 0111010 $3A R/W DIAGCTRL_A In WID is AtoD converter control register A. In RID is AtoD result A request. X XXX 0 0111011 $3B R/W DIAGCTRL_B In WID is AtoD converter control register B. In RID is AtoD result B request. X XXX 0 0111100 $3C R/W DIAGCTRL_C In WID is AtoD converter control register C. In RID is AtoD result C request. X XXX 0 0111101 $3D R/W DIAGCTRL_D In WID is AtoD converter control register D. In RID is AtoD result D request. X XXX 0 0111110 $3E 0 0111111 $3F R/W SW_REGS_CONF Configuration register for switching regulators X X X X 0 1000000 $40 0 1000001 $41 0 1000010 $42 R/W GPOCR General Purpose Output configuration X X 0 1000011 $43 R/W GPOCTRL0 General Purpose Output 0 control register X X X X X Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |