| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 277 page ![]() 0 0010110 $16 R DSR_3 Deployment status register 0 0010111 $17 R DSR_4 0 0011000 $18 R DSR_5 0 0011001 $19 R DSR_6 0 0011010 $1A R DSR_7 0 0011011 $1B R DSR_8 0 0011100 $1C R DSR_9 0 0011101 $1D R DSR_A 0 0011110 $1E R DSR_B 0 0011111 $1F R DCMTS01 Deployment current monitor register 0 0100000 $20 R DCMTS23 0 0100001 $21 R DCMTS45 0 0100010 $22 R DCMTS67 0 0100011 $23 R DCMTS89 0 0100100 $24 R DCMTSAB 0 0100101 $25 R/W SPIDEPEN Lock/Unlock command X X 0 0100110 $26 R LP_GNDLOSS Loss of ground fault for squib loops 0 0100111 $27 R VERSION_ID Device version 0 0101000 $28 R/W WD_RETRY_CONF Watchdog Retry Configuration X 0 0101001 $29 W MCU_FLT_TEST Microcontroller Fault test X X X X X 0 0101010 $2A R/W WDTCR Watchdog first level configuration X 0 0101011 $2B R/W WD1T Watchdog first level key transmission X X X X X 0 0101100 $2C R WD_STATE Watchdog first and second level state 0 0101101 $2D R/W CLK_CONF Clock configuration X X X X X 0 0101110 $2E R SCRAP_SEED Scrap Seed command Table 6. Global SPI register map (continued) GID RID / WID Hex R/W Name Description Operating State(1) Init Diag Ssafing Scrap Arming |