| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 158 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 158 Page - STMicroelectronics |
|
158 / 277 page ![]() SPI interfaces L9680 158/277 DocID029257 Rev 1 7.6.5 Safing record compare complete register (SAF_CC) ID: FF Type: R Read: $FF01 Write: $80FE 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI/ MOSI_RS -X X X X X X X X X X X X X X X X MISO/ MISO_RS 0 000 CC_xx 0 0 0 Indicates compare complete status of each of the 16 safing records, and defines the end of the sample cycle for safing Cleared by SSM_RESET or upon SPI read, set by safing engine when request, response mask and target registers match the incoming SPI frame 0 Compare not completed for record x 1 Compare completed for record x |