| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L9680 bảng dữ liệu(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 bảng dữ liệu(HTML) 110 Page - STMicroelectronics |
|
110 / 277 page ![]() SPI interfaces L9680 110/277 DocID029257 Rev 1 $14 Vb voltage of ER ESR measure (valid only for ADCREQ_x field of MISO response when ESR measure results are available) $15 Va voltage of ER ESR measure (valid only for ADCREQ_x field of MISO response when ESR measure results are available) $16 Vc voltage of ER ESR measure (valid only for ADCREQ_x field of MISO response when ESR measure results are available) $20 VBATMON pin voltage $21 VIN pin voltage $22 Internal analog supply voltage (VINT) $23 Internal digital supply voltage (VDD) $24 ERBOOST pin voltage $25 SYNCBOOST pin voltage $26 VER pin voltage $27 SATBUCK voltage $28 VCC voltage $29 WAKEUP pin voltage $2A VSF pin voltage $2B WDTDIS pin voltage $2C GPOD0 pin voltage $2D GPOS0 pin voltage $2E GPOD1 pin voltage $2F GPOS1 pin voltage $30 GPOD2 pin voltage $31 GPOS2 pin voltage $32 RSU0 pin Voltage $33 RSU1 pin Voltage $34 RSU2 pin Voltage $35 RSU3 pin Voltage $36 SS0 pin voltage $37 SS1 pin voltage $38 SS2 pin voltage $39 SS3 pin voltage $3A SS4 pin voltage $3B SS5 pin voltage $3C SS6 pin voltage $3D SS7 pin voltage $3E SS8 pin voltage $3F SS9 pin voltage $40 SSA pin voltage $41 SSB pin voltage $46 SF0 $47 SF1 $48 SF2 $49 SF3 $4A SF4 $4B SF5 $4C SF6 $4D SF7 |