công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAA3528SEEZGKQBKS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AAA3528SEEZGKQBKS Datasheet

  • # Example questions: ➢ What is the maximum number of reflow soldering passes recommended for these leds, according to the datasheet?
    ➢ What does the datasheet suggest customers do before beginning production usage of these leds?
    ➢ What precautions should be taken when handling these leds due to their silicone encapsulation?

  • Part No.AAA3528SEEZGKQBKS
    ManufacturerTO-GRACE
    Size1Mb
    Pages5 pages
    Description3.5 x 2.8 mm Surface Mount LED Lamp
    Datasheet Summary with AI

    # AAA3528SEEZGKQBKS - Surface Mount LED Lamp

    ## Overview

    This document details the specifications for a 3.5 x 2.8 mm surface mount LED lamp, available in Hyper Red (AlGaInP), Green (InGaN), and Blue (InGaN) color options. It's designed for applications like backlighting, status indicators, home appliances, wearable devices, and healthcare.

    ## Features

    ️· Suitable for all SMD assembly and solder processes
    ️· Available on tape and reel (2000 pcs/reel)
    ️· Moisture sensitivity level: 3
    ️· RoHS compliant

    ## Electrical and Optical Characteristics (at TA = 25°C)

    ️· Forward Voltage (VF): 2.0-4.1V (depending on color)
    ️· Dominant Wavelength (λdom): 621-465 nm (depending on color)
    ️· Luminous Intensity (Iv): 120-500 mcd (depending on color)
    ️· Viewing Angle: 120°

    ## Absolute Maximum Ratings

    ️· Power Dissipation: 120-125 mW (depending on color)
    ️· Forward Current (IF): 30-50 mA (depending on color)
    ️· Reverse Voltage (VR): 5V
    ️· Operating Temperature (Top): -40 to +85°C

    ## Soldering & Handling Precautions

    ️· Reflow soldering is recommended. Max 2 passes.
    ️· Handle LEDs by the sides to avoid damaging the silicone encapsulation.
    ️· Avoid stacking assembled PCBs with exposed LEDs.
    ️· Use appropriate tools (forceps) for handling.

    ## Tape & Reel Specifications

    ️· Detailed diagrams of the tape and reel dimensions are provided in the datasheet.

    ## Important Notes

    ️· The LED is sensitive to electrostatic discharge.
    ️· Proper handling and storage are critical to maintain performance and reliability.
    ️· Refer to the datasheet for detailed specifications and application notes.

    # AAA3528SEEZGKQBKS - Surface Mount LED Lamp

    ## Overview

    This document details the specifications for a 3.5 x 2.8 mm surface mount LED lamp, available in Hyper Red (AlGaInP), Green (InGaN), and Blue (InGaN) color options. It's designed for applications like backlighting, status indicators, home appliances, wearable devices, and healthcare.

    ## Features

    ️· Suitable for all SMD assembly and solder processes
    ️· Available on tape and reel (2000 pcs/reel)
    ️· Moisture sensitivity level: 3
    ️· RoHS compliant

    ## Electrical and Optical Characteristics (at TA = 25°C)

    ️· Forward Voltage (VF): 2.0-4.1V (depending on color)
    ️· Dominant Wavelength (λdom): 621-465 nm (depending on color)
    ️· Luminous Intensity (Iv): 120-500 mcd (depending on color)
    ️· Viewing Angle: 120°

    ## Absolute Maximum Ratings

    ️· Power Dissipation: 120-125 mW (depending on color)
    ️· Forward Current (IF): 30-50 mA (depending on color)
    ️· Reverse Voltage (VR): 5V
    ️· Operating Temperature (Top): -40 to +85°C

    ## Soldering & Handling Precautions

    ️· Reflow soldering is recommended. Max 2 passes.
    ️· Handle LEDs by the sides to avoid damaging the silicone encapsulation.
    ️· Avoid stacking assembled PCBs with exposed LEDs.
    ️· Use appropriate tools (forceps) for handling.

    ## Tape & Reel Specifications

    ️· Detailed diagrams of the tape and reel dimensions are provided in the datasheet.

    ## Important Notes

    ️· The LED is sensitive to electrostatic discharge.
    ️· Proper handling and storage are critical to maintain performance and reliability.
    ️· Refer to the datasheet for detailed specifications and application notes.

    Part No.AAA3528SEEZGKQBKS
    ManufacturerTO-GRACE
    Size1Mb
    Pages5 pages
    Description3.5 x 2.8 mm Surface Mount LED Lamp