công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN83C183 bảng dữ liệu(PDF) 63 Page - SMSC Corporation

tên linh kiện LAN83C183
Giải thích chi tiết về linh kiện  FAST ETHERNET PHYSICAL LAYER DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C183 bảng dữ liệu(HTML) 63 Page - SMSC Corporation

Back Button LAN83C183 Datasheet HTML 59Page - SMSC Corporation LAN83C183 Datasheet HTML 60Page - SMSC Corporation LAN83C183 Datasheet HTML 61Page - SMSC Corporation LAN83C183 Datasheet HTML 62Page - SMSC Corporation LAN83C183 Datasheet HTML 63Page - SMSC Corporation LAN83C183 Datasheet HTML 64Page - SMSC Corporation LAN83C183 Datasheet HTML 65Page - SMSC Corporation LAN83C183 Datasheet HTML 66Page - SMSC Corporation LAN83C183 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 113 page
background image
SMSC DS – LAN83C183
63
Rev. 12/14/2000
3.3.6 AutoNegotiation Remote End Capability Register (Register 5)
The default value for this register is 0x0000.
NP
Next Page Enable
R 15
ACK
Acknowledge
R 14
RF
Remote Fault
R 13
R
Reserved
R [12:10]
These bits are reserved and must be remain at the default value of
0b00 for proper device operation
T4
100BASE-T4 Capable
R 9
TX_FDX
100BASE-TX Full Duplex Capable
R 8
TX_HDX
100BASE-TX Half Duplex Capable
R 7
10_FDX
10BASE-TX Full Duplex Capable
R 6
15
14
13
12
10
9
8
NP
ACK
RF
Reserved
T4
TX_FDX
7
6
5
4
1
0
TX_HDX
10_FDX
10_HDX
Reserved
CSMA
NP Bit
Meaning
1
Next Page exists
0
No Next Page (default)
ACK Bit Meaning
1
Received AutoNegotiation Word recognized
0
Not Recognized (default)
RF Bit
Meaning
1
AutoNegotiation Remote Fault detect
0
No Remote Fault (default)
T4 Bit
Meaning
1
Capable of 100BASE-T4 operation
0
Not capable (default)
TX_FDX
Bit
Meaning
1
Capable of 100BASE-TX Full Duplex operation
0
Not capable (default)
TX_HDX
Bit
Meaning
1
Capable of 100BASE-TX Half Duplex operation
0
Not capable (default)
10_FDX
Bit
Meaning
1
Capable of 10BASE-T Full Duplex operation
0
Not capable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com