công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN83C183 bảng dữ liệu(PDF) 49 Page - SMSC Corporation

tên linh kiện LAN83C183
Giải thích chi tiết về linh kiện  FAST ETHERNET PHYSICAL LAYER DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C183 bảng dữ liệu(HTML) 49 Page - SMSC Corporation

Back Button LAN83C183 Datasheet HTML 45Page - SMSC Corporation LAN83C183 Datasheet HTML 46Page - SMSC Corporation LAN83C183 Datasheet HTML 47Page - SMSC Corporation LAN83C183 Datasheet HTML 48Page - SMSC Corporation LAN83C183 Datasheet HTML 49Page - SMSC Corporation LAN83C183 Datasheet HTML 50Page - SMSC Corporation LAN83C183 Datasheet HTML 51Page - SMSC Corporation LAN83C183 Datasheet HTML 52Page - SMSC Corporation LAN83C183 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
SMSC DS – LAN83C183
49
Rev. 12/14/2000
COL
Collision Output
O
COL is asserted HIGH when a collision between transmit and receive
data is detected.
DPLX
Full/Half Duplex Select Input
I
When the ANEG pin is LOW, the DPLX pin selects Half/Full Duplex
operation.
When the ANEG pin is HIGH, the DPLX pin is ignored and the
Half/Full Duplex operation is controlled from the Duplex Mode Select
bit (DPLX) in the MI serial port Control register or the AutoNegotiation
outcome.
NC
No Connect
—
13 of the pins are not connected.
RESETn
Hardware Reset Input
Pullup I
RPTR
Repeater Mode Enable Input
I
The RPTR pin controls the device repeater operation.
SPEED
Speed Select Input
I
When the ANEG pin is LOW, the SPEED pin selects 10/100 Mbits/s
operation.
When the ANEG pin is HIGH, this pin is ignored and the speed is
determined from the Speed Select bit (SPEED) in the MI serial port
Control register or the
AutoNegotiation outcome.
DUPLX Pin
Meaning
HIGH
Full Duplex operation
LOW
Half Duplex operation
RESETn Pin
Meaning
HIGH
Normal
LOW
Device is in a reset state.
RPTR Pin
Meaning
HIGH
Repeater mode enabled
LOW
Normal operation
SPEED Pin
Meaning
HIGH
100 Mbits/s operation
LOW
10 Mbits/s operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com