| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN83C183 bảng dữ liệu(PDF) 39 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN83C183 bảng dữ liệu(HTML) 39 Page - SMSC Corporation |
|
39 / 113 page ![]() SMSC DS – LAN83C183 39 Rev. 12/14/2000 1.4 END OF PACKET This section describes end of packet operation for both the 100 Mbits/s and 10 Mbits/s modes. 1.4.1 100 Mbits/s The End of Stream Delimiter (ESD) indicates the end of packet for 100 Mbits/s mode. The ESD pattern consists of two /T/R/ 4B5B symbols inserted after the end of the packet, as defined in IEEE 802.3 Clause 24 and shown in Table 1.4 and Figure 1.2. The 4B5B encoder generates the transmit ESD and inserts the /T/R/ symbols after the end of the transmit data packet, as shown in Figure 1.2. The 4B5B decoder detects the ESD pattern when there are groups of 10 consecutive code bits (two 5B words) from the descrambler during valid packet reception. If the 10 consecutive code bits from the receiver during valid packet reception consist of the /T/R/ symbols, the end of packet is detected, data reception is terminated, the CRS and RX_DV pins are asserted, and /I/I/ symbols are substituted in place of the /T/R/ symbols. If 10 consecutive code bits from the receiver during valid packet reception do not consist of /T/R/ symbols, but instead consist of /I/I/ symbols, the packet is considered to have been terminated prematurely and abnormally, and the end of packet condition is signalled to the controller interface. When the premature end of packet condition is detected, the RX_ER signal is asserted for the nibble associated with the first /I/ symbol detected, then the CRS and RX_DV pins are deasserted. The device also sets End of Stream Error bit (ESD) in the MI serial port Status Output register to indicate the premature end of packet condition. 1.4.2 10 Mbits/s The end of packet for 10 Mbits/s mode is indicated with the SOI (Start of Idle) pulse. The SOI pulse is a positive double wide pulse containing a Manchester code violation inserted at the end of every packet. The TP transmitter generates the transmit SOI pulse and inserts it at the end of the data packet after TX_EN has been deasserted. The transmit waveshaper shapes the transmitted SOI output pulse at the TP output to meet the pulse template requirements specified in IEEE 802.3 Clause 14 and shown in Figure 1.8. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |