công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM628128ALP-7SL bảng dữ liệu(PDF) 8 Page - Hitachi Semiconductor

tên linh kiện HM628128ALP-7SL
Giải thích chi tiết về linh kiện  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL bảng dữ liệu(HTML) 8 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Read Timing Waveform *4
Notes: 1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and
are not referred to output voltage levels.
2. At any given temperature and voltage condition, tHZ max is less than tLZ min both for a given
device and from device to device.
3. This parameter is sampled and not 100% tested.
4.
WE is high for read cycle.
8
HM628128A Series
t
t
t
t
t
t
RC
AA
CO1
LZ1
OE
OLZ
t HZ2
t OHZ
Data Valid
Address
CS1
OE
Dout
t OH
CS2
Address Valid
t CO2
t LZ2
High Impedance
t HZ1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13