công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HM628128ALP-7SL bảng dữ liệu(PDF) 5 Page - Hitachi Semiconductor

tên linh kiện HM628128ALP-7SL
Giải thích chi tiết về linh kiện  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITACHI [Hitachi Semiconductor]
Trang chủ  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL bảng dữ liệu(HTML) 5 Page - Hitachi Semiconductor

  HM628128ALP-7SL Datasheet HTML 1Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 2Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
–0.5 to +7.0
V
Voltage on any pin relative to VSS*1
VT
–0.5 *2 to VCC + 0.3*3
V
Power dissipation
PT
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Note:
1. With respect to VSS
2. –3.0 V for pulse half-width
≤ 30 ns
3. Maximum voltage is 7.0V.
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
VSS
000V
Input voltage
VIH
2.2
—
VCC + 0.3
V
(HM628128A-7/8/10)
VIL
–0.3 *1
—
0.8
V
Input voltage
VIH
2.4
—
VCC + 0.3
V
(HM628128A-5)
VIL
–0.3 *1
—
0.8
V
Note:
1. –3.0 V for pulse half-width
≤ 30 ns
5
HM628128A Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13