công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD12400/KIT bảng dữ liệu(PDF) 25 Page - Analog Devices

tên linh kiện AD12400/KIT
Giải thích chi tiết về linh kiện  12-Bit 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD12400/KIT bảng dữ liệu(HTML) 25 Page - Analog Devices

Back Button AD12400/KIT Datasheet HTML 20Page - Analog Devices AD12400/KIT Datasheet HTML 21Page - Analog Devices AD12400/KIT Datasheet HTML 22Page - Analog Devices AD12400/KIT Datasheet HTML 23Page - Analog Devices AD12400/KIT Datasheet HTML 24Page - Analog Devices AD12400/KIT Datasheet HTML 25Page - Analog Devices AD12400/KIT Datasheet HTML 26Page - Analog Devices AD12400/KIT Datasheet HTML 27Page - Analog Devices AD12400/KIT Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD12400
Rev. 0 | Page 25 of 28
LAYOUT GUIDELINES
The AD12400 requires a different approach to traditional high
speed analog-to-digital converter system layouts. While the
AD12400’s internal PCB isolates digital and analog grounds,
these planes are tied together through the product’s aluminum
case structure. Therefore, the decision of isolating the analog
and digital grounds on the system PCB has additional factors to
consider. For example, if the AD12400 will be attached with
conductive thermal interface material to the system PCB, there
will be essentially no benefit to keeping the analog and digital
ground planes separate. If either no thermal interface material
or nonconductive interface material is used, system architects
will have to consider the ground loop that will be created if
analog and digital planes are tied together directly under the
AD12400. This EMI based decision will have to be considered
on a case-by-case basis and will be largely dependent on the
other sources of EMI in the system. One critical consideration is
that a 12-bit performance requirement (–74 dBc) will require
keeping conducted EMI currents (referenced to the input of the
AD12400) below 4.5 μA. All of the characterization and testing
of the AD12400 was performed using a system that isolated
these ground planes.
If thermal interface material is used in the final system design,
the following layout factors will need to be considered: open
solder mask on the area that contacts the interface material and
the thickness of the ground plane. While this should be
analyzed in each specific system design, the use of solder mask
may negate any advantage achieved by using the thermal
interface material, and its use should be carefully considered.
The ground plane thickness will not have a major impact on the
thermal performance, but if design margin is slight, additional
thickness can yield incremental improvements.
PCB INTERFACE
Figure 37 provides the mounting hole footprint for assembling
the AD12400 to the second-level assembly. The diagram is
referenced to the center of the mating QTE connector. Refer to
the QTE/QSE series connector documentation at
www.samtec.com
for the SMT footprint of the mating
connector.
The top view of the second-level assembly footprint provides a
diagram of the second-level assembly locating tab locations for
mating the SAMTEC QTE-060-01-L-A-K-TR terminal strip on
the AD12400BWS to a QSE-060-01-L-A-K-TR socket on the
second-level assembly. The diagram is referenced to the center
of the QTE terminal strip on the AD12400BWS and the
mounting holds for the screws, which will hold the
AD12400BWS to the second-level assembly board. The
relationship of these locating tabs is based on information
provided by SAMTEC (connector supplier) and should be
verified with SAMTEC by the customer.
Mating and unmating forces—the knifing or peeling action of
applying force to one end or one side—must be avoided to
prevent damage to the connector and guidepost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com