công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

V850E/MA2 bảng dữ liệu(PDF) 49 Page - NEC

tên linh kiện V850E/MA2
Giải thích chi tiết về linh kiện  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

V850E/MA2 bảng dữ liệu(HTML) 49 Page - NEC

Back Button V850E/MA2 Datasheet HTML 45Page - NEC V850E/MA2 Datasheet HTML 46Page - NEC V850E/MA2 Datasheet HTML 47Page - NEC V850E/MA2 Datasheet HTML 48Page - NEC V850E/MA2 Datasheet HTML 49Page - NEC V850E/MA2 Datasheet HTML 50Page - NEC V850E/MA2 Datasheet HTML 51Page - NEC V850E/MA2 Datasheet HTML 52Page - NEC V850E/MA2 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
49
• TST:
Test
• XOR:
Exclusive OR
• XORI:
Exclusive OR immediate
• ZXB:
Zero extend byte
• ZXH:
Zero extend halfword
(7) Branch instructions
These instructions include unconditional branch instructions (JARL, JMP, JR) and a conditional branch
instruction (Bcond) that alters the control depending on the status of flags.
Program control can be
transferred to the address specified by the branch instruction.
The following instructions (mnemonics) are
provided.
• Bcond (BC, BE, BGE, BGT, BH, BL, BLE, BLT, BN, BNC, BNE, BNH, BNL, BNV, BNZ, BP, BR, BSA, BV,
BZ):
Branch on condition code
• JARL:
Jump and register link
• JMP:
Jump register
• JR:
Jump relative
(8) Bit manipulation instructions
Execute a logical operation to bit data in memory.
Only the specified bit is affected.
The following
instructions (mnemonics) are provided.
• CLR1:
Clear bit
• NOT1:
Not bit
• SET1:
Set bit
• TST1:
Test bit
(9) Special instructions
These instructions are instructions not included in the categories of instructions described above.
The
following instructions (mnemonics) are provided.
• CALLT:
Call with table look up
• CTRET:
Return from CALLT
• DI:
Disable interrupt
• DISPOSE:
Function dispose
• EI:
Enable interrupt
• HALT:
Halt
• LDSR:
Load system register
• NOP:
No operation
• PREPARE: Function prepare
• RETI:
Return from trap or interrupt
• STSR:
Store system register
• SWITCH:
Jump with table look up
• TRAP:
Trap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More