| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0230CS bảng dữ liệu(PDF) 9 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0230CS bảng dữ liệu(HTML) 9 Page - ON Semiconductor |
|
9 / 24 page ![]() AR0230CS www.onsemi.com 9 Figure 6. Pixel Color Pattern Detail (Top Right Corner) .. . .. . ... G B G B G B R G R G R G G B G B G B R G R G R G G B G B G B R G R G R G G B G B G B Column Readout Direction Active Pixel (0,0) Array Pixel (0,0) Row Readout Direction R G R G R G Default Readout Order By convention, the sensor core pixel array is shown with pixel (0,0) in the top right corner (see Figure 6). This reflects the actual layout of the array on the die. Also, the first pixel data read out of the sensor in default condition is that of pixel (10, 14). When the sensor is imaging, the active surface of the sensor faces the scene as shown in Figure 7. When the image is read out of the sensor, it is read one row at a time, with the rows and columns sequenced as shown in Figure 7. Sensor (rear view) Lens Scene Row Readout Order Column Readout Order Pixel (0.0) Figure 7. Imaging a Scene |