công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR0141CS bảng dữ liệu(PDF) 26 Page - ON Semiconductor

tên linh kiện AR0141CS
Giải thích chi tiết về linh kiện  1/4?릋nch Digital Image Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0141CS bảng dữ liệu(HTML) 26 Page - ON Semiconductor

Back Button AR0141CS Datasheet HTML 22Page - ON Semiconductor AR0141CS Datasheet HTML 23Page - ON Semiconductor AR0141CS Datasheet HTML 24Page - ON Semiconductor AR0141CS Datasheet HTML 25Page - ON Semiconductor AR0141CS Datasheet HTML 26Page - ON Semiconductor AR0141CS Datasheet HTML 27Page - ON Semiconductor AR0141CS Datasheet HTML 28Page - ON Semiconductor AR0141CS Datasheet HTML 29Page - ON Semiconductor AR0141CS Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
AR0141CS
www.onsemi.com
26
Table 14. SERIAL SYNC CODES INCLUDED WITH EACH PROTOCOL INCLUDED WITH THE AR0141CS
SENSOR
Interface/Protocol
Start of Vertical
Blanking Row
(SOV)
Start of Frame
(SOF)
Start of Active
Line
(SOL)
End of Line
(EOL)
End of Frame
(EOF)
Parallel
Parallel interface uses FRAME VALID (FV) and LINE VALID (LV) outputs to denote start and end of line and
frame.
HiSPi Streaming−S
Required
Unsupported
Required
Unsupported
Unsupported
HiSPi Streaming−SP
Required
Required
Required
Unsupported
Unsupported
HiSPi Packetized SP
Unsupported
Required
Required
Required
Required
Figure 30 illustrates how the sensor active readout time
can be minimized while reducing the frame rate. 750 VB
rows were added to the output frame to reduce the 1280 x
720 frame rate from 60 fps to 30 fps without increasing the
delay between the readout of the first and last active row.
Figure 30. Example of the Sensor Output of a 1280x 720 Frame at 30 fps
Active Rows
Vertical Blanking
Time
1/30 s
End of Frame
Readout
End of Frame
Readout
Start of Vertical Blanking
Start of Frame
Start of Active Row
End of Line
Serial SYNC Codes
End of Frame
Row Reset
Row Read
Row Reset
Row Read
Frame Valid
Line Valid
1/30 s
Row Reset
Row Read
Row Reset
Row Read
VB
(780 Rows)
H B (370 Pixels)
1280 x 720
VB
Note:
The frame valid and line valid signals mentioned in this diagram represent internal signals within the sensor.
The SYNC codes represented in this diagram represent the HiSPi Streaming−SP protocol.
(780 Rows)
1280 x 720
H B (370 Pixels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com