| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0141CS bảng dữ liệu(PDF) 46 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS bảng dữ liệu(HTML) 46 Page - ON Semiconductor |
|
46 / 48 page ![]() AR0141CS www.onsemi.com 46 Power−Down Sequence The recommended power−down sequence for the AR0141CS is shown in Figure 50. The available power supplies (VDD_IO, VDD, VDD_SLVS, VDD_PLL, VAA, VAA_PIX) must have the separation specified below. 1. Disable streaming if output is active by setting standby R0x301a[2] = 0 2. The soft standby state is reached after the current row or frame, depending on configuration, has ended 3. Turn off VDD_SLVS 4. Turn off VDD 5. Turn off VDD_IO 6. Turn off VAA/VAA_PIX 7. Turn off VDD_PLL Figure 50. Power Down t4 t 0 t1 t3 t2 EXTCLK VDD_SLVS (0.4) VDD (1.8) VDD_IO (1.8/2.8) VAA (2.8) VAA_PIX VDD_PLL (2.8) Power Down until next Power Up Cycle Table 37. POWER−DOWN SEQUENCE Definition Symbol Minimum Typical Maximum Unit VDD_SLVS to VDD t0 0 – – μs VDD to VDD_IO t1 0 – – μs VDD_IO to VAA/VAA_PIX t2 0 – – μs VAA/VAA_PIX to VDD_PLL t3 0 – – μs PwrDn until Next PwrUp Time t4 100 – – ms 1. t4 is required between power down and next power up time; all decoupling caps from regulators must be completely discharged. |