| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8976 bảng dữ liệu(PDF) 65 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8976 bảng dữ liệu(HTML) 65 Page - Wolfson Microelectronics plc |
|
65 / 83 page ![]() Preliminary Technical Data WM8976 w PTD Rev 2.0 February 2005 65 MCLK (MHz) (F1) DESIRED OUTPUT (MHz) F2 (MHz) PRESCALE DIVIDE POSTSCALE DIVIDE R N (Hex) K (Hex) 12 11.29 90.3168 1 2 7.5264 7 86C227 12 12.288 98.304 1 2 8.192 8 3126E9 13 11.29 90.3168 1 2 6.947446 6 F28BD5 13 12.288 98.304 1 2 7.561846 7 8FD526 14.4 11.29 90.3168 1 2 6.272 6 45A1CB 14.4 12.288 98.304 1 2 6.826667 6 D3A06D 19.2 11.29 90.3168 2 2 9.408 9 6872B0 19.2 12.288 98.304 2 2 10.24 A 3D70A4 19.68 11.29 90.3168 2 2 9.178537 9 2DB493 19.68 12.288 98.304 2 2 9.990243 9 FD80A0 19.8 11.29 90.3168 2 2 9.122909 9 1F76F8 19.8 12.288 98.304 2 2 9.929697 9 EE009F 24 11.29 90.3168 2 2 7.5264 7 86C227 24 12.288 98.304 2 2 8.192 8 3126E9 26 11.29 90.3168 2 2 6.947446 6 F28BD5 26 12.288 98.304 2 2 7.561846 7 8FD526 27 11.29 90.3168 2 2 6.690133 6 BOAC94 27 12.288 98.304 2 2 7.281778 7 482297 Table 54 PLL Frequency Examples GENERAL PURPOSE INPUT/OUTPUT The WM8976 has two dual purpose input/output pins. • CSB/GPIO1: CSB / GPIO pin • L2/GPIO2: Left channel line input / headphone detection input The GPIO2 function is provided for use as a jack detection input. The GPIO1 and GPIO4 functions are provided for use as jack detection inputs or general purpose outputs. The default configuration for the CSB/GPIO1 pin is to be inputs. When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection, depending on how the MODE pin is set. Table 48 illustrates the functionality of the GPIO1 pin when used as general purpose outputs. |