công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRTBR98G bảng dữ liệu(PDF) 23 Page - OSRAM GmbH

tên linh kiện LRTBR98G
Giải thích chi tiết về linh kiện  Indoor Video Walls
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBR98G bảng dữ liệu(HTML) 23 Page - OSRAM GmbH

Back Button LRTBR98G Datasheet HTML 17Page - OSRAM GmbH LRTBR98G Datasheet HTML 18Page - OSRAM GmbH LRTBR98G Datasheet HTML 19Page - OSRAM GmbH LRTBR98G Datasheet HTML 20Page - OSRAM GmbH LRTBR98G Datasheet HTML 21Page - OSRAM GmbH LRTBR98G Datasheet HTML 22Page - OSRAM GmbH LRTBR98G Datasheet HTML 23Page - OSRAM GmbH LRTBR98G Datasheet HTML 24Page - OSRAM GmbH LRTBR98G Datasheet HTML 25Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
LRTB R98G
2017-11-14
23
Augensicherheitsbewertung
Wegen der Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augensicherheit nach dem Standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "exempt"- Gruppe
(die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 10000 s bezieht). Unter realen Umständen
(für Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes
sekundäres Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
können temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen, Belästigungen,
Beeinträchtigungen oder sogar Unfällen führen.
Eye safety advice
Due to the cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the standard IEC
62471:2006 ("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "exempt" group
(relating to devices in the visible spectrum with an exposure time of 10000 s). Under real circumstances (for exposure
time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situatio
Revision History: 2017-11-14
Previous Version:
2016-10-04
Page
Subjects (major changes since last revision)
Date of change
all
Preliminary datasheet created
2008-11-27
1, 14
additional information
2010-03-02
6
Correction of Color binning group name acc OS-IN-2010-022;
2010-07-09
all
Final datasheet released
2011-05-30
all
Datasheet reworked
2012-10-10
2, 6
Naming of wavelength groups (blue) corrected
2013-01-14
1
Application recommendation adapted
2014-01-28
23, all
Eye safety advice added; general update
2014-08-26
21
Reel dimensions corrected
2015-07-07
18
package outlines updated
2015-12-14
all
general update
2016-04-15
4-8
OS-IN-2016-026 (adaption of bin ranges)
2016-10-04
all
OS-PD-2017-060
2017-11-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com