công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LRTBR98G bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện LRTBR98G
Giải thích chi tiết về linh kiện  Indoor Video Walls
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBR98G bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  LRTBR98G Datasheet HTML 1Page - OSRAM GmbH LRTBR98G Datasheet HTML 2Page - OSRAM GmbH LRTBR98G Datasheet HTML 3Page - OSRAM GmbH LRTBR98G Datasheet HTML 4Page - OSRAM GmbH LRTBR98G Datasheet HTML 5Page - OSRAM GmbH LRTBR98G Datasheet HTML 6Page - OSRAM GmbH LRTBR98G Datasheet HTML 7Page - OSRAM GmbH LRTBR98G Datasheet HTML 8Page - OSRAM GmbH LRTBR98G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LRTB R98G
Multi CHIPLED
Lead (Pb) Free Product - RoHS Compliant
discontinued acc. OS-PD-2017-060
2017-11-14
1
Besondere Merkmale
• Gehäusetyp: schwarzes SMT-Gehäuse,
Kontrasterhöhung durch schwarze Oberfläche
(RGB-Displays) und diffuses Harz
• Besonderheit des Bauteils: additive
Farbmischung durch unabhängige
Ansteuerung aller Chips
• Wellenlänge: 625 nm (rot),
528 nm (true green), 470 nm (blau)
• Abstrahlwinkel: 100°
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: Reflow Löten
• Vorbehandlung: nach JEDEC Level 2
• Verpackungseinheit: 4 Rollen mit 3’000/Rolle,
ø180 mm
• ESD-Festigkeit: ESD-sensitiv
• Erweiterte Korrosionsfestigkeit:
Details siehe Seite 18
Anwendungen
• Videoleinwände im Innenbereich
• Vollfarb-Displays
• Getrennte Ansteuerung der Leuchtdiodenchips
zur Darstellung verschiedener Farben inclusive
weiß
Features
• package: black SMT package, higher contrast
by a black surface (RGB-Displays) and diffused
resin
• feature of the device: additive mixture of color
stimuli by independent driving of each chip
• wavelength: 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: 100°
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: reflow soldering
• preconditioning: acc. to JEDEC Level 2
• method of packing: 4 reels with 3,000/reel,
ø180 mm
• ESD-withstand voltage: sensitive device
• Superior Corrosion Robustness:
details see page 18
Applications
• Indoor Video Walls
• full color display
• LED chips can be controlled seperately to
display various colors including white


Số phần tương tự - LRTBR98G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
Multi CHIPLED
More results

Mô tả tương tự - LRTBR98G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
KRTBEILP41.32 OSRAM-KRTBEILP41.32 Datasheet
968Kb / 29P
Indoor Video Walls
KBHAVPA1.12 OSRAM-KBHAVPA1.12 Datasheet
858Kb / 22P
Video Walls
KYHAVPA1.22 OSRAM-KYHAVPA1.22 Datasheet
851Kb / 21P
3D RGBY Video Walls
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
video walls
LRTBGRUG OSRAM-LRTBGRUG Datasheet
905Kb / 26P
video walls in outdoor areas
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
video walls
KRTBEJLP41.32 OSRAM-KRTBEJLP41.32 Datasheet
856Kb / 27P
Indoor Video Walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
Indoor Video Walls
logo
ams AG
KRTBLFLP71.32 AMSCO-KRTBLFLP71.32 Datasheet
1Mb / 31P
This device is especially designed for full color video walls.
Version 1.1 2021-12-06
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com