| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9993-EBZ bảng dữ liệu(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9993-EBZ bảng dữ liệu(HTML) 27 Page - Analog Devices |
|
27 / 57 page ![]() AD9993 Data Sheet Rev. A | Page 26 of 56 Synchronize LVDS Interface SPI.Write(0x00A, 0x82); synchronize ADC data with DCO clock, self cleared but needs following SPI clock SPI.Write(0x00A, 0x81); realign Tx FIFO read and write pointers, self cleared but need following SPI clock SPI.Write(0x00A, 0x90); realign Rx FIFO read and write pointers, DCI clock must be present, self cleared but need following SPI clock. Miscellaneous Clear Interrupt SPI.Write(0x0F0, 0xFF) Enable Interrupt SPI.Write(0x0F1, 0xFF) SPI.Write(0x055, 0x01); ALERT_PULLUP_EN (optional) SPI.Write(0x0FF, 0x01); transfer SPI.Write(0x039, 0x12); set DAC CML based on compliance range of 0.7 V and on-chip RFSADJ_x resistors, Set this bit if using DAC compliance range > 0.7 V SPI.Write(0x0FF, 0x001); data transfer |