công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9993-EBZ bảng dữ liệu(PDF) 55 Page - Analog Devices

tên linh kiện AD9993-EBZ
Giải thích chi tiết về linh kiện  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9993-EBZ bảng dữ liệu(HTML) 55 Page - Analog Devices

Back Button AD9993-EBZ Datasheet HTML 49Page - Analog Devices AD9993-EBZ Datasheet HTML 50Page - Analog Devices AD9993-EBZ Datasheet HTML 51Page - Analog Devices AD9993-EBZ Datasheet HTML 52Page - Analog Devices AD9993-EBZ Datasheet HTML 53Page - Analog Devices AD9993-EBZ Datasheet HTML 54Page - Analog Devices AD9993-EBZ Datasheet HTML 55Page - Analog Devices AD9993-EBZ Datasheet HTML 56Page - Analog Devices AD9993-EBZ Datasheet HTML 57Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
AD9993
Data Sheet
Rev. A | Page 54 of 56
Table 66. Bit Descriptions for INTEN
Bits
Bit Name
Description
Reset
Access
7
ADC_D_OVR_IRQ_EN
Enable ADC D Overrange interrupt.
0x0
RW
6
ADC_C_OVR_IRQ_EN
Enable ADC C Overrange interrupt.
0x0
RW
5
ADC_B_OVR_IRQ_EN
Enable ADC B Overrange interrupt.
0x0
RW
4
ADC_A_OVR_IRQ_EN
Enable ADC A Overrange interrupt.
0x0
RW
3
FIFO_WARN2_IRQ_EN
Enable FIFO Warning 2 interrupt.
0x0
RW
2
FIFO_WARN1_IRQ_EN
Enable FIFO Warning 1 interrupt.
0x0
RW
1
PLL_UNLOCK_IRQ_EN
Enable PLL unlock interrupt.
0x0
RW
0
PLL_LOCKED_IRQ_EN
Enable PLL lock interrupt.
0x0
RW
INTERRUPT SOURCE STATUS REGISTER
Address: 0x0F2, Reset: 0x00, Name: INT_RAW
Table 67. Bit Descriptions for INT_RAW
Bits
Bit Name
Description
Reset
Access
7
ADC_D_OVR_RAW
ADC D overrange interrupt source.
0x0
R
6
ADC_C_OVR_RAW
ADC C overrange interrupt source.
0x0
R
5
ADC_B_OVR_RAW
ADC B overrange interrupt source.
0x0
R
4
ADC_A_OVR_RAW
ADC A overrange interrupt source.
0x0
R
3
FIFO_WARN2_RAW
FIFO Warning 2 interrupt source.
0x0
R
2
FIFO_WARN1_RAW
FIFO Warning 1 interrupt source.
0x0
R
1
PLL_UNLOCK_RAW
PLL unlock interrupt source.
0x0
R
0
PLL_LOCKED_RAW
PLL lock interrupt source.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57