công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-GD bảng dữ liệu(PDF) 10 Page - IC-Haus GmbH

tên linh kiện IC-GD
Giải thích chi tiết về linh kiện  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD bảng dữ liệu(HTML) 10 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH IC-GD Datasheet HTML 10Page - IC-Haus GmbH IC-GD Datasheet HTML 11Page - IC-Haus GmbH IC-GD Datasheet HTML 12Page - IC-Haus GmbH IC-GD Datasheet HTML 13Page - IC-Haus GmbH IC-GD Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 10/55
ELECTRICAL CHARACTERISTICS
Operating conditions: VB = 14.5...16 V, VNB = -15 V ±1 V, VDA = 18...36 V or VDA = VB, VCC = 3.3...5 V ±5%, RREF = 20 kΩ ±0.1% TK5,
Tj = -20...105 °C, if not otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
B08 Vhys()hi
Hysteresis Trigger Threshold hi
at IAx
Vhys,hi = Vto()hi − Vtu()hi
100
250
600
mV
B09 Vs()lo
Saturation Voltage lo at IAx
I(IAx) = 200 mA, low-side driver active,
T < T2on;
Tj = -20 °C
0.6
V
Tj = 25 °C
0.8
V
Tj = 105 °C
0.94
V
B10 Vs()lo
Saturation Voltage lo at IAx
I(IAx) = 500 mA, low-side driver active,
T < T2on
2.35
V
B11 Isc()lo
Short-Circuit Current lo from IAx 3 V < V(IAx) < 36 V, low-side driver active,
T < T1on
505
800
mA
B12 Ipd()
Pull-down Current
Lo-side driver configuration, IAx = hi,
VDA = 18...32 V
V() = 2 V...VB − 3 V, V(LED) < 3 V
15
20
25
µA
V() = VB − 3 V...VB,
15
80
µA
V() = VB...VDA
30
160
µA
B13 Vpd()
Pull-down Voltage
I() = -5...5 µA, lo-side driver configuration,
IAx = hi, pull-down current active
1
V
B14 Vs()lo,r
Saturation Voltage lo at IAx
I(IAx) = -200 mA, low-side driver active,
T < T2on
-1.2
-0.6
0
V
B15 Ir,max()
Maximum Reverse Current from
IAx
-2 V < V() < GNDP, low-side driver active
-800
0
mA
VB − 36 V < V() < -2 V
-10
0
mA
B16 Vto()lo
Upper Trigger Threshold lo at IAx ENDOSC_x = lo
2.35
2.7
3
V
B17 Vtu()lo
Lower Trigger Threshold lo at IAx ENDOSC_x = lo
2.2
2.5
2.9
V
B18 Vhys()lo
Hysteresis Trigger Threshold lo
at IAx
ENDOSC_x = lo, Vhys,lo = Vto()lo − Vtu()lo
100
300
500
mV
B19 Ilk()
Leakage Current in IAx
Output, pull-up, pull-down current inactive;
V(IAx) = 0 V...VB − 3 V
-1
1
µA
V(IAx) = VB − 3 V...VDA
-1
120
µA
B20 Ir()
Reverse Current in IAx
V(IAx) > VDA + 0.1 V
0
2
mA
B21 f()max,out Maximum Output Frequency
Digital output as output
125
kHz
B22 f()max,in
Maximum Input Frequency
Digital output as input
125
kHz
B23 td(),ol
Delay to open-load detection
1
2
ms
B24 Vf()hi
Free-Wheeling Voltage hi at IAx
Low-side driver configuration, vs. GND,
I(IAx) = 80 mA, IAx = hi, L = 10 mH
36
41
48
V
B25 Vf()lo
Free-Wheeling Voltage lo at IAx
High-side driver configuration, vs. VDA,
I(IAx) = -80 mA, IAx = lo, L = 10 mH
-54
-44
-40
V
B26 tr
Rise Time
IAx: 3 V → 13 V
869
ns
B27 tf
Fall time
IAx: VDA − 3 V → 8 V, VDA = 18...30 V
869
ns
B28 Vto()lo
Upper Threshold lo at IAx
ENDOSC_x = hi
1
1.3
1.6
V
B29 Vtu()lo
Lower Threshold lo at IAx
ENDOSC_x = hi
0.8
1
1.4
V
B30 Vhys()lo
Hysteresis Threshold lo at IAx
ENDOSC_x = hi, Vhys,lo = Vto()lo − Vtu()lo
100
300
500
mV
Digital Inputs IAx, x = 1, 2
C01 Vt()hi
Upper Input Threshold
10
11
V
C02 Vt()lo
Lower Input Threshold
5
8
V
C03 Vhys()
Hysteresis at IAx
Vhys() = Vt()hi − Vt()lo
1
2
3
V
C04 Ipu()
Pull-up Current
V() = VDA − 3... 0 V, DI_SEL_x = 00
VDA = 18...32 V
-6
-3
-2
mA
VDA = 18...36 V
-6
-3
-1
mA
C05 Vpu()
Pull-up Voltage
Vpu() = V() − VDA, I() = -1 mA, DI_SEL_x = 00
-2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com