công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IC-GD bảng dữ liệu(PDF) 1 Page - IC-Haus GmbH

tên linh kiện IC-GD
Giải thích chi tiết về linh kiện  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICHAUS [IC-Haus GmbH]
Trang chủ  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD bảng dữ liệu(HTML) 1 Page - IC-Haus GmbH

  IC-GD Datasheet HTML 1Page - IC-Haus GmbH IC-GD Datasheet HTML 2Page - IC-Haus GmbH IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 1/55
FEATURES
•
Two channels, each configurable as input or output
•
Low-side and high-side switches with up to 500 mA per channel,
current limitation, current measurement, status messages,
cable break detection, freewheeling and reverse polarity
protection, paralleling of both channels possible
•
Output of ±10 V or 0/4...20 mA with 14 bit resolution
•
Measurement of ±10 V, ±1 V, ±100 mV, ±10 mV, ±20 mA,
4...20 mA with 14 bit resolution
•
Input for Pt100, Pt1000 temperature sensors
•
Multifunctional 32 bit counter
•
Digital output with pulse-width modulation option
•
Internal temperature measurement with 1 K resolution
•
SPI interface
•
Calibration and configuration by external EEPROM via serial
interface
•
Error message with hysteresis at overtemperature, overload
and undervoltage
•
Shutdown of the outputs in case of error
•
Inputs/outputs protected against ESD
APPLICATIONS
•
PLC control systems
•
Data acquisition
•
Sensor interfaces
PACKAGES
dra_qfn38-1_pack_2, 2.4:1
QFN38 5 mm x 7 mm
BLOCK DIAGRAM
ROM
I/O Channel 1
Analog I/O
Logic
V
iC-GD
Digital Filter
Bias
Chip temperature
- Monitoring
Voltage Output
Push-Pull Driver
Digital Input
Voltage Input
Current Input
U
I
Digital I/O
I/O Channel 2
Start-up
Data sync
Universal Dual IO-Interface
T
Monitoring
LUT
SPI
Counter
2x32 bit
PWM Generator
2x32 bit
I2C
Clock Generation
14bit-SAR
Diagnostics
VPH/VREF Buffer
& Test
- Measurement
uProcessor
RN
SDA
UI1
Current Output
5 V Regulator
Production
Voltage
VNB
VDA
VCC
VREF
VB
RP
SDO
CLK
SDI
UN1
TOK2
TOK1
RDY
VRPH
CT(7:0)
UI2
LED2
UP2
UN2
TEST
ADR
IA1
VPA
SYNC1
GNDL
GNDP
GNDA
NRES
IA2
VPD
SYNC2
SCLK
LED1
NIRQ
NCS
UP1
SCL
++
-
+
>130
VCC VNB
REF
REF
VDA
VB
C
>130
Copyright © 2016 iC-Haus
http://www.ichaus.com


Số phần tương tự - IC-GD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IC-Haus GmbH
IC-GE ICHAUS-IC-GE Datasheet
497Kb / 11P
PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
1Mb / 14P
PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE Datasheet
1Mb / 14P
PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
453Kb / 11P
PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100 Datasheet
534Kb / 12P
PWM RELAY/SOLENOID DRIVER
More results

Mô tả tương tự - IC-GD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
CMOS Programmable I/O Interface
March 1997
logo
Hirose Electric
NX-09T-KT9 HIROSE-NX-09T-KT9 Datasheet
409Kb / 10P
I/O Card Interface Connectors
logo
fujitsu semiconductor
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
PARALLEL DATA I/O INTERFACE
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
PAL Audio I/O Interface
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
PAL Video I/O Interface
logo
Advantech Co., Ltd.
ADAM-5050 ADVANTECH-ADAM-5050_14 Datasheet
257Kb / 1P
16-ch Universal Digital I/O Module
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
REMOTE I/O INTERFACE UNIT
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
Remote I/O R3 Series INTERFACE I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com