công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODAX bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện CC3220MODAX
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 6Page - Texas Instruments CC3220MODAX Datasheet HTML 7Page - Texas Instruments CC3220MODAX Datasheet HTML 8Page - Texas Instruments CC3220MODAX Datasheet HTML 9Page - Texas Instruments CC3220MODAX Datasheet HTML 10Page - Texas Instruments CC3220MODAX Datasheet HTML 11Page - Texas Instruments CC3220MODAX Datasheet HTML 12Page - Texas Instruments CC3220MODAX Datasheet HTML 13Page - Texas Instruments CC3220MODAX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
Copyright © 2017, Texas Instruments Incorporated
Device Comparison
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
10
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
3
Device Comparison
Table 3-1 shows the features supported across different CC3x20 modules.
Table 3-1. Device Features Comparison
FEATURE
DEVICE
CC3120MOD
CC3220MODS
CC3220MODSF
CC3220MODAS
CC3220MODASF
On-board chip
CC3120
CC3220S
CC3220SF
CC3220S
CC3220SF
On-board ANT
No
No
No
Yes
Yes
sFlash
32-Mbit
32-Mbit
32-Mbit
32-Mbit
32-Mbit
Regulatory certifications
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
FCC, IC, CE, MIC, SRRC
Wi-Fi Alliance Certification
Yes
Yes
Yes
Yes
Yes
Input voltage
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
2.3 V to 3.6 V
Package
17.5 mm × 20.5 mm QFM
17.5 mm × 20.5 mm QFM
17.5 mm × 20.5 mm QFM
25.0 mm × 20.5 mm QFM
25.0 mm × 20.5 mm QFM
Operating temperature range
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
–40°C to +85°C
Classification
Wi-Fi Network Processor
Wireless Microcontroller
Wireless Microcontroller
Wireless Microcontroller
Wireless Microcontroller
Standard
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
802.11 b/g/n
Frequency
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
2.4 GHz
TCP/IP Stack
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
IPv4, IPv6
Sockets
16
16
16
16
16
Integrated MCU
–
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ARM Cortex-M4 at 80 MHz
ON-CHIP APPLICATION MEMORY
RAM
–
256KB
256KB
256KB
256KB
Flash
–
–
1MB
–
1MB
PERIPHERALS AND INTERFACES
Universal Asynchronous
Receiver/Transmitter (UART)
1
2
2
2
2
Serial Port Interface (SPI)
1
1
1
1
1
Multichannel Audio Serial Port
(McASP)- I2S or PCM
–
2-ch
2-ch
2-ch
2-ch
Inter-Integrated Circuit (I2C)
–
1
1
1
1
Analog-to-digital converter (ADC)
–
4-ch, 12-bit
4-ch, 12-bit
4-ch, 12-bit
4-ch, 12-bit
Parallel interface (8-bit PI)
–
1
1
1
1
General-purpose timers
–
4
4
4
4
Multimedia card (MMC / SD)
–
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com