| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC3220MODAX bảng dữ liệu(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3220MODAX bảng dữ liệu(HTML) 70 Page - Texas Instruments |
|
70 / 100 page ![]() 70 CC3220MOD, CC3220MODA SWRS206B – MARCH 2017 – REVISED AUGUST 2017 www.ti.com Submit Documentation Feedback Product Folder Links: CC3220MOD CC3220MODA Detailed Description Copyright © 2017, Texas Instruments Incorporated 6.10.5 SRRC Certification and Statement The CC3220MODx modules from TI comply with the rules and regulations of the SRRC for a limited modular approval (LMA). Operation is subject to the following condition: • The host system does not contain a WWAN device. In addition, the host system using an approved LMA radio requires the following: • New CMIIT ID • Required radiated related testing only • The host system’s new SRRC certificate contains the CMIIT ID information of the LMA. • The host system must be affixed with the new MIIT ID (not the CMIIT ID of the LMA) following the SRRC labeling requirements. NOTE When an LMA radio is embedded into a host system, it does not mean the host system complies with SRRC rules and regulations. The manufacturer of the host system is responsible for ensuring that the combined system complies with SRRC rules and regulations. The CC3220MODAx modules from TI comply with the rules and regulations of the SRRC for a full modular approval (FMA). Operation is subject to the following condition: • The host system does not contain a WWAN device. In addition, the host system using an approved FMA radio requires the following: • The host system does not require a new SRRC certificate for the combined system. • The host system must be affixed with the MIIT ID of the FMA following the SRRC labeling requirements. |