công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3220MODAX bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện CC3220MODAX
Giải thích chi tiết về linh kiện  SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3220MODAX bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button CC3220MODAX Datasheet HTML 18Page - Texas Instruments CC3220MODAX Datasheet HTML 19Page - Texas Instruments CC3220MODAX Datasheet HTML 20Page - Texas Instruments CC3220MODAX Datasheet HTML 21Page - Texas Instruments CC3220MODAX Datasheet HTML 22Page - Texas Instruments CC3220MODAX Datasheet HTML 23Page - Texas Instruments CC3220MODAX Datasheet HTML 24Page - Texas Instruments CC3220MODAX Datasheet HTML 25Page - Texas Instruments CC3220MODAX Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
Copyright © 2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: CC3220MOD CC3220MODA
22
CC3220MOD, CC3220MODA
SWRS206B – MARCH 2017 – REVISED AUGUST 2017
www.ti.com
Table 4-4. Pin Attributes and Pin Multiplexing (continued)
GENERAL PIN ATTRIBUTES
FUNCTION
PAD STATES
Pkg.
Pin
Pin Alias
Use
Select as
Wakeup
Source
Config.
Addl.
Analog
Mux
Muxed
With
JTAG
Dig. Pin Mux
Config. Reg.
Dig.
Pin
Mux
Config.
Mode
Value
Signal Name
Signal
Description
Signal
Direction
LPDS(1)
Hib(2)
nRESET = 0
8
GPIO17
I/O
Yes
No
No
GPIO_PAD_
CONFIG_17
(0x4402 E0E4)
0
GPIO17
GPIO
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
5
UART1_RX
UART1 RX data
I
7
GSPI_CS
General SPI chip
select
I/O
4
pDATA11
(CAM_D7)
Parallel camera
data bit 7
I
8
SDCARD_
CMD
SD card command
line
I/O
9
GPIO12
I/O
No
No
No
GPIO_PAD_
CONFIG_12
(0x4402 E0D0)
0
GPIO12
GPIO
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
3
McACLK
I2S audio port
clock output
O
Hi-Z,
Pull,
Drive
4
pVS (VSYNC)
Parallel camera
vertical sync
I
Hi-Z,
Pull,
Drive
5
I2C_SCL
I2C clock
I/O
(open
drain)
Hi-Z,
Pull,
Drive
7
UART0_TX
UART0 TX data
O
1
12
GT_CCP03
Timer capture port
I
Hi-Z,
Pull,
Drive
10
GPIO13
I/O
Yes
No
No
GPIO_PAD_
CONFIG_13
(0x4402 E0D4)
0
GPIO13
GPIO
I/O
Hi-Z,
Pull,
Drive
Hi-Z,
Pull,
Drive
Hi-Z
5
I2C_SDA
I2C data
I/O
(open
drain)
4
pHS (HSYNC)
Parallel camera
horizontal sync
I
7
UART0_RX
UART0 RX data
I
12
GT_CCP04
Timer capture port
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100