| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201CDG4 bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201CDG4 bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 45 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Figure 9 3 2 1 0 02 4 6 4 5 810 MAXIMUM PEAK OUTPUT VOLTAGE vs OUTPUT CURRENT |IO| − Output Current − mA VOM − VDD ± = ±5 V TA = 25°C VOM + Figure 10 4 MAXIMUM PEAK OUTPUT VOLTAGE† vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C VDD ± = ±5 V RL = 10 kΩ 6 2 0 −2 −4 −6 − 75 − 50 − 25 0 25 50 75 100 125 VOM − VOM + Figure 11 2 0 10 10 k 100 k 1 M f − Frequency − Hz 8 6 4 MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE† vs FREQUENCY VDD ± = ±5 V RL = 10 kΩ TA = − 55°C 30 k 300 k TA = 125°C Figure 12 1 0 5 10 k 100 k 1 M f − Frequency − Hz 4 3 2 HIGH-LEVEL OUTPUT VOLTAGE† vs FREQUENCY VDD = 5 V RL = 10 kΩ TA = − 55°C 30 k 300 k TA = 125°C † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |