| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201CDG4 bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201CDG4 bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 44 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS − 500 − 300 − 100 VIO − Input Offset Voltage − µV 12 8 4 0 100 16 20 300 500 DISTRIBUTION OF TLC2201 INPUT OFFSET VOLTAGE 408 Units Tested From 2 Wafer Lots VDD ± = ±5 V TA = 25°C P Package Figure 5 Figure 6 8 6 2 0 −1000 200 10 14 16 600 1000 4 12 TLC2202 DISTRIBUTION OF INPUT OFFSET VOLTAGE VIO − Input Offset Voltage − µV VDD ± = ±15 V 1726 Amplifiers Tested From 1 Wafer Lot − 600 − 200 TA = 25°C P Package Figure 7 −5 0 8 4 2 6 INPUT BIAS CURRENT vs COMMON-MODE INPUT VOLTAGE 10 −2 −4 −6 −8 −10 − 4 − 3 − 2 − 1 01 2345 VIC − Common-Mode Input Voltage − V VDD ± = ±5 V TA = 25°C Figure 8 150 100 50 0 25 45 65 85 200 250 300 105 125 INPUT BIAS CURRENT† vs FREE-AIR TEMPERATURE TA − Free-Air Temperature − °C VO = 0 VIC = 0 VDD ± = ±5 V † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |