| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201CDG4 bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201CDG4 bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 70 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 35 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202M electrical characteristics at specified free-air temperature, VDD± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2202AM TLC2202BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 80 500 80 500 µV VIO Input offset voltage Full range 750 750 µV αVIO Temperature coefficient of input offset voltage Full range 0.5 0.5 µV/°C αVIO Temperature coefficient of input offset voltage Full range 0.5 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.001 0.005* 0.001 0.005* µV/mo IIO Input offset current 25 °C 0.5 60 0.5 60 pA IIO Input offset current Full range 500 500 pA IIB Input bias current 25 °C 1 60 1 60 pA IIB Input bias current Full range 500 500 pA Common-mode input −5 −5 VICR Common-mode input voltage range RS = 50 Ω Full range −5 to −5 to V VICR voltage range RS = 50 Ω Full range to 2.7 to 2.7 V VOM + Maximum positive peak output voltage swing 25 °C 4.7 4.8 4.7 4.8 V VOM + Maximum positive peak output voltage swing RL = 10 kΩ Full range 4.7 4.7 V VOM − Maximum negative peak output voltage swing RL = 10 kΩ 25 °C − 4.7 − 4.9 − 4.7 − 4.9 V VOM − Maximum negative peak output voltage swing Full range − 4.7 − 4.7 V VO = ± 4 V, R = 500 k 25 °C 300 560 300 560 AVD Large-signal differential VO = ± 4 V, RL = 500 kΩ Full range 100 100 V/mV AVD Large-signal differential voltage amplification VO = ± 4 V, 25 °C 50 100 50 100 V/mV voltage amplification VO = ± 4 V, RL = 10 kΩ Full range 25 25 CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, R = 50 25 °C 80 115 80 115 dB CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, RS = 50 Ω Full range 80 80 dB kSVR Supply-voltage rejection ratio ( V / V) VDD = ± 2.3 V to ± 8 V 25 °C 80 110 80 110 dB kSVR Supply-voltage rejection ratio ( ∆VDD± /∆VIO) VDD ± = ±2.3 V to ±8 V Full range 80 80 dB IDD Supply current VO = 0, No load 25 °C 1.8 2.7 1.8 2.7 mA IDD Supply current VO = 0, No load Full range 2.7 2.7 mA * On products compliant to MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is − 55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |