công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFK bảng dữ liệu(PDF) 84 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFK
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFK bảng dữ liệu(HTML) 84 Page - Renesas Technology Corp

Back Button R5F51116ADFK Datasheet HTML 80Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 81Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 82Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 83Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 84Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 85Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 86Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 87Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 84 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Note 1. Oscillators continue oscillating in deep sleep mode.
Note 2. When the frequency of the system clock is 32 MHz.
Note 3. When the frequency of the system clock is 12 MHz.
Note 4. When the frequency of the system clock is 32.768 kHz.
Figure 5.35
Deep Sleep Mode Cancellation Timing
Note:
When the division ratios of PCLKB, PCLKD, FCLK, and ICLK are all set to 1.
Table 5.29
Timing of Recovery from Low Power Consumption Modes (4)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Recovery time from deep
sleep mode*1
High-speed mode*2
tDSLP
—2
3.5
μs
Middle-speed mode*3
tDSLP
—3
4
μs
Low-speed mode*4
tDSLP
—
400
500
μs
Table 5.30
Timing of Recovery from Low Power Consumption Modes (5)
Operating Mode Transition Time
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = -40 to +105°C
Mode before Transition
Mode after Transition
ICLK Frequency
Transition Time
Unit
Min.
Typ.
Max.
High-speed operating mode
Middle-speed operating mode
8 MHz
—
10
—
μs
Middle-speed operating mode
High-speed operating mode
8 MHz
—
37.5
—
μs
Low-speed operating mode
Middle-speed operating mode,
high-speed operating mode
32.768 kHz
—
213.62
—
μs
Middle-speed operating mode,
high-speed operating mode
Low-speed operating mode
32.768 kHz
—
183.11
—
μs
Oscillator
ICLK
IRQ
Deep sleep mode
tDSLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com