công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFK bảng dữ liệu(PDF) 41 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFK
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFK bảng dữ liệu(HTML) 41 Page - Renesas Technology Corp

Back Button R5F51116ADFK Datasheet HTML 37Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 38Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 39Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 40Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 41Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 42Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 43Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 44Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 41 of 127
May 31, 2016
RX111 Group
4. I/O Registers
0008 88A2h
MTU5
Timer General Register W
TGRW
16
16
2 or 3 PCLKB
0008 88A4h
MTU5
Timer Control Register W
TCRW
8
8
2 or 3 PCLKB
0008 88A6h
MTU5
Timer I/O Control Register W
TIORW
8
8
2 or 3 PCLKB
0008 88B2h
MTU5
Timer Interrupt Enable Register
TIER
8
8
2 or 3 PCLKB
0008 88B4h
MTU5
Timer Start Register
TSTR
8
8
2 or 3 PCLKB
0008 88B6h
MTU5
Timer Compare Match Clear Register
TCNTCMPCLR
8
8
2 or 3 PCLKB
0008 8900h
POE
Input Level Control/Status Register 1
ICSR1
16
8, 16
2 or 3 PCLKB
0008 8902h
POE
Output Level Control/Status Register 1
OCSR1
16
8, 16
2 or 3 PCLKB
0008 8908h
POE
Input Level Control/Status Register 2
ICSR2
16
8, 16
2 or 3 PCLKB
0008 890Ah
POE
Software Port Output Enable Register
SPOER
8
8
2 or 3 PCLKB
0008 890Bh
POE
Port Output Enable Control Register 1
POECR1
8
8
2 or 3 PCLKB
0008 890Ch
POE
Port Output Enable Control Register 2
POECR2
8
8
2 or 3 PCLKB
0008 890Eh
POE
Input Level Control/Status Register 3
ICSR3
16
8, 16
2 or 3 PCLKB
0008 9000h
S12AD
A/D Control Register
ADCSR
16
16
2 or 3 PCLKB
0008 9004h
S12AD
A/D Channel Select Register A
ADANSA
16
16
2 or 3 PCLKB
0008 9008h
S12AD
A/D-Converted Value Addition Mode Select Register
ADADS
16
16
2 or 3 PCLKB
0008 900Ch
S12AD
A/D-Converted Value Addition Count Select Register
ADADC
8
8
2 or 3 PCLKB
0008 900Eh
S12AD
A/D Control Extended Register
ADCER
16
16
2 or 3 PCLKB
0008 9010h
S12AD
A/D Start Trigger Select Register
ADSTRGR
16
16
2 or 3 PCLKB
0008 9012h
S12AD
A/D Converted Extended Input Control Register
ADEXICR
16
16
2 or 3 PCLKB
0008 9014h
S12AD
A/D Channel Select Register B
ADANSB
16
16
2 or 3 PCLKB
0008 9018h
S12AD
A/D Data Duplication Register
ADDBLDR
16
16
2 or 3 PCLKB
0008 901Ah
S12AD
A/D Temperature Sensor Data Register
ADTSDR
16
16
2 or 3 PCLKB
0008 901Ch
S12AD
A/D Internal Reference Voltage Data Register
ADOCDR
16
16
2 or 3 PCLKB
0008 9020h
S12AD
A/D Data Register 0
ADDR0
16
16
2 or 3 PCLKB
0008 9022h
S12AD
A/D Data Register 1
ADDR1
16
16
2 or 3 PCLKB
0008 9024h
S12AD
A/D Data Register 2
ADDR2
16
16
2 or 3 PCLKB
0008 9026h
S12AD
A/D Data Register 3
ADDR3
16
16
2 or 3 PCLKB
0008 9028h
S12AD
A/D Data Register 4
ADDR4
16
16
2 or 3 PCLKB
0008 902Ch
S12AD
A/D Data Register 6
ADDR6
16
16
2 or 3 PCLKB
0008 9030h
S12AD
A/D Data Register 8
ADDR8
16
16
2 or 3 PCLKB
0008 9032h
S12AD
A/D Data Register 9
ADDR9
16
16
2 or 3 PCLKB
0008 9034h
S12AD
A/D Data Register 10
ADDR10
16
16
2 or 3 PCLKB
0008 9036h
S12AD
A/D Data Register 11
ADDR11
16
16
2 or 3 PCLKB
0008 9038h
S12AD
A/D Data Register 12
ADDR12
16
16
2 or 3 PCLKB
0008 903Ah
S12AD
A/D Data Register 13
ADDR13
16
16
2 or 3 PCLKB
0008 903Ch
S12AD
A/D Data Register 14
ADDR14
16
16
2 or 3 PCLKB
0008 903Eh
S12AD
A/D Data Register 15
ADDR15
16
16
2 or 3 PCLKB
0008 9060h
S12AD
A/D Sampling State Register 0
ADSSTR0
8
8
2 or 3 PCLKB
0008 9061h
S12AD
A/D Sampling State Register L
ADSSTRL
8
8
2 or 3 PCLKB
0008 9070h
S12AD
A/D Sampling State Register T
ADSSTRT
8
8
2 or 3 PCLKB
0008 9071h
S12AD
A/D Sampling State Register O
ADSSTRO
8
8
2 or 3 PCLKB
0008 9073h
S12AD
A/D Sampling State Register 1
ADSSTR1
8
8
2 or 3 PCLKB
0008 9074h
S12AD
A/D Sampling State Register 2
ADSSTR2
8
8
2 or 3 PCLKB
0008 9075h
S12AD
A/D Sampling State Register 3
ADSSTR3
8
8
2 or 3 PCLKB
0008 9076h
S12AD
A/D Sampling State Register 4
ADSSTR4
8
8
2 or 3 PCLKB
0008 9078h
S12AD
A/D Sampling State Register 6
ADSSTR6
8
8
2 or 3 PCLKB
0008 A020h
SCI1
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A021h
SCI1
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A022h
SCI1
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A023h
SCI1
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A024h
SCI1
Serial Status Register
SSR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (9/16)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com