công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F51116ADFK bảng dữ liệu(PDF) 51 Page - Renesas Technology Corp

tên linh kiện R5F51116ADFK
Giải thích chi tiết về linh kiện  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51116ADFK bảng dữ liệu(HTML) 51 Page - Renesas Technology Corp

Back Button R5F51116ADFK Datasheet HTML 47Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 48Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 49Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 50Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 51Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 52Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 53Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 54Page - Renesas Technology Corp R5F51116ADFK Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 51 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
Table 5.4
DC Characteristics (2)
Conditions: 1.8 V ≤ VCC = VCC_USB < 2.7 V, 1.8 V ≤ AVSS0 < 2.7 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Schmitt trigger
input voltage
Ports P16, P17, port PA6, port PB0
(5 V tolerant)
VIH
VCC × 0.8
—
5.8
V
Ports P03, P05,
ports P14,P15,
ports P26, P27,
ports P30 to P32, P35,
ports P54, P55,
ports PA0, PA1, PA3, PA4,
ports PB1, PB3, PB5 to PB7,
ports PC2 to PC7,
ports PE0 to PE7,
port PH7,
RES#
VCC × 0.8
—
VCC + 0.3
All pins
–0.3
—
VCC × 0.2
All pins
∆VT
VCC × 0.01
—
—
Input voltage
(except for Schmitt
trigger input pins)
MD
VIH
VCC × 0.9
—
VCC + 0.3
V
XTAL (external clock input)
VCC × 0.8
—
VCC + 0.3
Ports P40 to P44, P46, ports PJ6,
PJ7
AVCC0 × 0.7
—
AVCC0 + 0.3
MD
VIL
–0.3
—
VCC × 0.1
XTAL (external clock input)
–0.3
—
VCC × 0.2
Ports P40 to P44, P46, ports PJ6,
PJ7
–0.3
—
AVCC0 × 0.3
Table 5.5
DC Characteristics (3)
Conditions: 1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input leakage
current
RES#, MD, port P35, port PH7
I
in
——
1.0
µA
Vin = 0 V, VCC
Three-state
leakage current
(off-state)
Ports for 5 V tolerant
I
TSI
——
1.0
µA
Vin = 0 V, 5.8 V
Pins other than above
——
1.0
Vin = 0 V, VCC
Input capacitance
All input pins
(except for port P16, port P35, USB0_DM,
USB0_DP)
Cin
—
—
15
pF
Vin = 0 mV,
Frequency: 1 MHz,
Ta = 25°C
Port P16, port P35, USB0_DM, USB0_DP
——
30
Table 5.6
DC Characteristics (4)
Conditions:
1.8 V ≤ VCC = VCC_USB ≤ 3.6 V, 1.8 V ≤ AVSS0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input pull-up
resistor
All ports
(except for port P35, port PH7)
RU
10
20
100
kΩ
Vin = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com