| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S3A3 bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S3A3 bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 139 page ![]() R01DS0307EU0100 Rev.1.00 Page 17 of 139 Mar 7, 2017 S3A3 1. Overview I/O ports P000 to P015 I/O General-purpose input/output pins P100 to P115 I/O General-purpose input/output pins P200 Input General-purpose input pin P201 to P206, P212, P213 I/O General-purpose input/output pins P214, P215 Input General-purpose input pins P300 to P315 I/O General-purpose input/output pins P400 to P415 I/O General-purpose input/output pins P500 to P507, P511, P512 I/O General-purpose input/output pins P600 to P606, P608 to P614 I/O General-purpose input/output pins P700 to P705, P708 to P713 I/O General-purpose input/output pins P800 to P809 I/O General-purpose input/output pins P900 to P902, P914, P915 I/O General-purpose input/output pins SLCDC VL1, VL2, VL3, VL4 I/O Voltage pin for driving the LCD CAPH, CAPL I/O Capacitor connection pin for the LCD controller/driver COM0 to COM7 Output Common signal output pins for the LCD controller/driver SEG00 to SEG53 Output Segment signal output pins for the LCD controller/driver Function Signal I/O Description |