công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87415 bảng dữ liệu(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87415
Giải thích chi tiết về linh kiện  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 bảng dữ liệu(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 24Page - National Semiconductor (TI) PC87415 Datasheet HTML 25Page - National Semiconductor (TI) PC87415 Datasheet HTML 26Page - National Semiconductor (TI) PC87415 Datasheet HTML 27Page - National Semiconductor (TI) PC87415 Datasheet HTML 28Page - National Semiconductor (TI) PC87415 Datasheet HTML 29Page - National Semiconductor (TI) PC87415 Datasheet HTML 30Page - National Semiconductor (TI) PC87415 Datasheet HTML 31Page - National Semiconductor (TI) PC87415 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
70 Functional Description (Continued)
74232 Bus Master Reads
The device requests the PCI bus and waits until the other
master completes its transaction When the bus is granted
the device reads the descriptor from system memory and
loads the address pointer and byte count It then begins to
read data from system memory and buffers it in the posted
write buffers until the buffer is full When the buffer is full
the device releases the PCI bus When the device sees data
in the buffer it begins to write to the drive The device will
request the PCI bus whenever the posted write buffer is
either empty or half full If the posted write buffer is empty
(initial condition or due to another master on the PCI bus
interrupting the transfer) then the device reads in 4 Dwords
from memory filling the buffers If the posted write buffer is
half full then the device reads in 2 Dwords from memory
filling the buffers If another master gets ownership of the
bus after it released the bus the device continues to write
data to the drive emptying the write buffers The device con-
tinues to request the PCI bus if the byte count is not 0 and
EOT e 0 and the buffer is empty When it receives a grant
the device bursts in data (4Dwords) into the write buffer until
it is full When the byte count is 0 and it was the last descrip-
tor (EOT is 1) the device relinquishes the bus while the write
buffers are being emptied out onto the IDE bus If it wasn’t
the last descriptor (EOT is 0) the device reads the new
descriptor from memory while the device is writing out to the
drive the contents of the write buffers
Figure 10 shows the
DMA flow
TLF12497 – 35
FIGURE 10 Bus Master ReadsScenario 3
7424 PCI Bus Request
74241 PCI Master Reads
When the device wants to transfer data from memory to the
drive it will request the PCI bus under the following condi-
tions
(write FIFO empty or half full) and ((EOT is 0) or (byte count
is not 0))
The device will request the PCI bus when the write FIFO is
empty or half full and the DMA is active (not EOT or byte
count is not 0) When the device is granted the bus it will
assert FRAME
and read either 2 Dwords (if the FIFO was
half full) or 4 Dwords (if the FIFO was empty) from memory
and place it into the write FIFO As soon as 1 Dword is
placed into the FIFO the FIFO will no longer be empty so
therefore the PCI request will be deasserted until the data
from the FIFO are all written out onto the disk The device
will keep asserting FRAME
until all 2 or 4 Dwords are read
from memory If the device encounters a retry (STOP
as-
serted) while reading the 2 or 4 Dwords it will release
FRAME
and wait until the FIFO is half full or empty again
When the FIFO is half full the device will request the PCI
bus and will try to read 2 more Dwords from memory When
the FIFO is empty the device will request the PCI bus and
will try to read 4 more Dwords from memory
Each Dword read cycle is first qualified with the DMA being
active If the DMA goes inactive (EOT is 1 and byte count is
0) during any one of the 2 or 4 Dword reads from memory
the device will stop the reads and deassert FRAME
The
condition for deasserting FRAME
is expressed by the fol-
lowing
(burst in 2 or 4 Dwords) or ((EOT is 1) and (byte count 0))
If the byte count is programmed to be larger than the drive
transfer length the device will continue to read data from
memory and posting it into the write FIFO as long as the
FIFO is empty and the DMA is active When the FIFO is full
or the DMA goes inactive the device will release the PCI
bus Since the drive has completed the transfer it will gen-
erate an interrupt to the CPU even though some data is still
resident in the write FIFO When the CPU reads the status
registers of the device it will see the interrupt bit set and the
active bit either cleared or set The active bit will be cleared
if the device was able to write everything to the FIFO with
the last PCI request The active bit will be set if the device
was not able to write everything into the FIFO because the
FIFO was not emptied and therefore could not request the
PCI bus The contents of the write FIFO will be cleared
when the device sees a stop command and another start
command to that channel
http
www nationalcom
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com