công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC87415 bảng dữ liệu(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện PC87415
Giải thích chi tiết về linh kiện  PCI-IDE DMA Master Mode Interface Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87415 bảng dữ liệu(HTML) 25 Page - National Semiconductor (TI)

Back Button PC87415 Datasheet HTML 21Page - National Semiconductor (TI) PC87415 Datasheet HTML 22Page - National Semiconductor (TI) PC87415 Datasheet HTML 23Page - National Semiconductor (TI) PC87415 Datasheet HTML 24Page - National Semiconductor (TI) PC87415 Datasheet HTML 25Page - National Semiconductor (TI) PC87415 Datasheet HTML 26Page - National Semiconductor (TI) PC87415 Datasheet HTML 27Page - National Semiconductor (TI) PC87415 Datasheet HTML 28Page - National Semiconductor (TI) PC87415 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
70 Functional Description (Continued)
The Memory Region specified by the descriptor cannot
cross a 64k memory boundary The Memory Region Physi-
cal Base Address is aligned on a 2 byte boundary
741 DMA Engine
The built-in DMA controller supports 2 channels and each
channel can operate independently The descriptors are
memory resident and are read every time a transfer takes
place The DMA engine is used to initiate and carry out data
transfers between the IDE device and system memory Sep-
arate command and status registers are used per channel
allowing both channels to time share the DMA engine if both
channels need to transfer data When bus master IDE is
enabled on a channel that channel’s write and prefetch
buffers are used to either post or prefetch data tofrom the
disk When two channels are requesting DMA services from
the DMA engine then after the first request is serviced by
completing the entire transfer (EOT e 1 and byte count e
0) the second channel begins the transfer
Figure 4 below
shows the DMA block
TLF12497 – 11
FIGURE 4 DMA Block
7411 Alignment
The device will transfer data tofrom memory in double
word (4 bytes) transfers If the Memory Physical Region
Base Address is double word aligned and the Byte count is
double word aligned then the transfer will be double words
on the PCI bus using the PCI burst cycle If either the Memo-
ry Physical Region Base Address or the Bytes count are not
double word aligned the PC87415 will still transfer double
words on the PCI bus This would be a failure condition The
software program needs to ensure that the Memory Physi-
cal Region Base Address and Byte count both be double
word aligned
742 DMA Engine Protocol
The DMA engine works together with the prefetch buffers
and the write buffers to optimize IDE transfers and minimize
PCI bus utilization The following sections show how the
DMA engine behaves under three different scenarios
7421 Scenario 1
The device request the bus and no one else is on the bus
(the bus is idle) No other masters are requesting the bus
throughout the entire transfer of a sector
74211 Bus Master Writes
The device arbitrates for the PCI bus and at the same time
begins reading the data from the drive and filling the pre-
fetch buffers After the bus is granted the device reads the
descriptor from memory loads the address pointer and byte
count and then gets off the PCI bus (if the prefetch buffer is
not half full) When the prefetch buffer is half full the device
arbitrates onto the PCI bus (if not on the bus yet) and when
granted starts writing out the prefetched data (2 DWords)
out onto the PCI bus while prefetching data from the IDE
drive When the prefetch buffer is empty the device relin-
quishes the bus If it wasn’t the last descriptor (EOT is 0) the
device continues prefetching from the drive while reading
the new descriptor from memory
Figure 5 shows the DMA
flow The total PCI bus utilization for this type of transfer can
be calculated by the following equation
PCI Bus Utilization e ARB a Read Descriptor
a
256
ARB a Tw a Twb
Where
ARB e number of clocks for arbitration
Read Descriptor e number of clocks to read the descriptor
Tw e number of clocks for first non burst write
Twb e number of clocks for burst write
TLF12497 – 30
FIGURE 5 Bus Master WritesScenario 1
http
www nationalcom
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com