| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M8D2 bảng dữ liệu(PDF) 54 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D2 bảng dữ liệu(HTML) 54 Page - Alliance Semiconductor Corporation |
|
54 / 59 page ![]() AS4C64M8D2 Confidential 54 Rev. 1.0 Feb. /2014 Figure 49. Read with autoprecharge to power-down entry CK# CMD BL=4 T0 T2 Tx Tx+1 Tx+2 Tx+3 Tx+4 Tx+5 Tx+6 Tx+7 T1 Tx+8 Tx+9 RDA Q AL+CL DQS CKE CK DQS# CKE should be kept HIGH until the end of burst operation tIS Q Q Q DQ CK# CMD BL=8 T0 T2 Tx Tx+1 Tx+2 Tx+3 Tx+4 Tx+5 Tx+6 Tx+7 T1 Tx+8 Tx+9 RD Q AL+CL DQS CKE CK DQS# CKE should be kept HIGH until the end of burst operation tIS Q Q Q DQ Q Q Q Q PRE AL+BL/2 with tRTP = 7.5ns & tRAS min satisfied PRE Start internal precharge AL+BL/2 with tRTP = 7.5ns & tRAS min satisfied Figure 50. Write to power-down entry CK# CMD BL=4 T0 Tm Tm+1 Tm+2 Tm+3 Tx Tx+1 Tx+2 Ty Ty+1 T1 Ty+2 Ty+3 WR Q WL DQS CKE CK DQS# tIS Q Q Q DQ CK# CMD BL=8 T0 Tm Tm+1 Tm+2 Tm+3 Tm+4 Tm+5 Tx Tx+1 Tx+2 T1 Tx+3 Tx+4 WR Q WL DQS CKE CK DQS# Q Q Q DQ Q Q Q Q tWTR tIS tWTR |