| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M8D2 bảng dữ liệu(PDF) 33 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D2 bảng dữ liệu(HTML) 33 Page - Alliance Semiconductor Corporation |
|
33 / 59 page ![]() AS4C64M8D2 Confidential 33 Rev. 1.0 Feb. /2014 Timing Waveforms Figure 7. Initialization sequence after power-up CK CK# tCH CKE Command tCL tIS ODT tIS NOP PRE ALL EMR S MRS PRE ALL REF REF MRS EMR S EMR S ANY CMD 400ns tRP tMRD tMRD tRP tMRD Follow OCD Flowchart tOIT min 200 Cycle DLL ENABLE DLL RESET OCD Default OCD CAL.MOD E EXIT NOTE 1: To guarantee ODT off, VREF must be valid and a LOW level must be applied to the ODT pin. tRFC tRFC Figure 8. ODT update delay timing-tMOD EMRS CK Updating Rtt tIS NOP NOP NOP NOP NOP CMD tAOFD tMOD, max tMOD, min Old setting New setting ODT NOTE 1: To prevent any impedance glitch on the channel, the following conditions must be met: - tAOFD must be met before issuing the EMRS command. - ODT must remain LOW for the entire duration of tMOD window, until tMOD, max is met. then the ODT is ready for normal operation with the new setting, and the ODT signal may be raised again to turned on the ODT. NOTE 2: EMRS command directed to EMR(1), which updates the information in EMR(1)[A6,A2], i.e. Rtt (Nominal). NOTE 3: "setting" in this diagram is the Register and I/O setting, not what is measured from outside. CK# Figure 9. ODT update delay timing-tMOD, as measured from outside CK# CK Rtt tIS EMRS CMD tAOFD tMOD, max Old setting New setting ODT NOP NOP NOP NOP NOP tAOND NOTE 1: EMRS command directed to EMR(1), which updates the information in EMR(1)[A6,A2], i.e. Rtt (Nominal). NOTE 2: "setting" in this diagram is measured from outside. |