| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M8D2 bảng dữ liệu(PDF) 36 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M8D2 bảng dữ liệu(HTML) 36 Page - Alliance Semiconductor Corporation |
|
36 / 59 page ![]() AS4C64M8D2 Confidential 36 Rev. 1.0 Feb. /2014 Figure 13.ODT timing mode switch at exit power-down mode CK# CK tIS CKE tAOFD tAOND ODT tAXPD T0 T1 T4 T5 T6 T7 T8 T9 T10 T11 Exiting from Slow Active Power Down Mode or Precharge power Down Mode. Internal Term Res. tIS VIL(ac) ODT Internal Term Res. tIS VIL(ac) Active & Standby mode timings to be applied. Power Down mode timings to be applied. tIS VIH(ac) Active & Standby mode timings to be applied. tAONPD max tIS VIH(ac) Power Down mode timings to be applied. ODT ODT Internal Term Res. Internal Term Res. RTT tAOFPD max VIH(ac) RTT RTT RTT Figure 14. Bank activate command cycle (tRCD=3, AL=2, tRP=3, tRRD=2, tCCD=2) CK# T0 T1 T2 T3 Tn Tn+1 Tn+2 Internal RAS# - CAS# delay (>=tRCD min) CAS# - CAS# delay time (tCCD) tRCD = 1 Read Begins Tn+3 Bank A Row Addr. Bank A Col. Addr. Bank B Row Addr. Bank B Col. Addr Bank A Addr. Bank B Addr. Bank A Row Addr. Additive latency delay (AL) Bank A Activate Bank A Post CAS# Read Bank B Activate Bank B Post CAS# Read Bank A Precharge Bank B Precharge Bank A Activate RAS# - RAS# delay time (>=tRRD) Bank Active (>=tRAS) Bank precharge time (>=tRP) RAS# Cycle time (>=tRC) ADDRESS COMMAND CK |