công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F303X8 bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STM32F303X8
Giải thích chi tiết về linh kiện  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303X8 bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STM32F303X8 Datasheet HTML 47Page - STMicroelectronics STM32F303X8 Datasheet HTML 48Page - STMicroelectronics STM32F303X8 Datasheet HTML 49Page - STMicroelectronics STM32F303X8 Datasheet HTML 50Page - STMicroelectronics STM32F303X8 Datasheet HTML 51Page - STMicroelectronics STM32F303X8 Datasheet HTML 52Page - STMicroelectronics STM32F303X8 Datasheet HTML 53Page - STMicroelectronics STM32F303X8 Datasheet HTML 54Page - STMicroelectronics STM32F303X8 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
DocID025083 Rev 5
51/115
STM32F303x6/x8
Electrical characteristics
100
6.3.4
Embedded reference voltage
The parameters given in Table 24 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 20.
Table 23. Programmable voltage detector characteristics
Symbol
Parameter
Conditions
Min.(1)
1. Data based on characterization results only, not tested in production.
Typ.
Max.(1)
Unit
VPVD0
PVD threshold 0
Rising edge
2.1
2.18
2.26
V
Falling edge
2
2.08
2.16
VPVD1
PVD threshold 1
Rising edge
2.19
2.28
2.37
Falling edge
2.09
2.18
2.27
VPVD2
PVD threshold 2
Rising edge
2.28
2.38
2.48
Falling edge
2.18
2.28
2.38
VPVD3
PVD threshold 3
Rising edge
2.38
2.48
2.58
Falling edge
2.28
2.38
2.48
VPVD4
PVD threshold 4
Rising edge
2.47
2.58
2.69
Falling edge
2.37
2.48
2.59
VPVD5
PVD threshold 5
Rising edge
2.57
2.68
2.79
Falling edge
2.47
2.58
2.69
VPVD6
PVD threshold 6
Rising edge
2.66
2.78
2.9
Falling edge
2.56
2.68
2.8
VPVD7
PVD threshold 7
Rising edge
2.76
2.88
3
Falling edge
2.66
2.78
2.9
VPVDhyst(2)
2. Guaranteed by design, not tested in production.
PVD hysteresis
-
-
100
-
mV
IDD(PVD)
PVD current
consumption
-
-
0.15
0.26
µA
Table 24. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VREFINT
Internal reference voltage –40 °C < TA < +105 °C 1.20
1.23
1.25
V
TS_vrefint
ADC sampling time when
reading the internal
reference voltage
-2.2
-
-
µs
VRERINT
Internal reference voltage
spread over the
temperature range
VDD = 31.8 V ±10 mV
-
-
10(1)
1. Guaranteed by design, not tested in production.
mV
TCoeff
Temperature coefficient
-
-
-
100(1) ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More