| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303X8 bảng dữ liệu(PDF) 92 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X8 bảng dữ liệu(HTML) 92 Page - STMicroelectronics |
|
92 / 115 page ![]() Electrical characteristics STM32F303x6/x8 92/115 DocID025083 Rev 5 EL Integral linearity error ADC clock freq. ≤ 72 MHz, Sampling freq. ≤ 5 Msps 2.0 V ≤ VDDA ≤ 3.6 V Single ended Fast channel 5.1 Ms - ±3 Slow channel 4.8 Ms - ±3.5 Differential Fast channel 5.1 Ms - ±2 Slow channel 4.8 Ms - ±2.5 ENOB (5) Effective number of bits Single ended Fast channel 5.1 Ms 10.4 - bits Slow channel 4.8 Ms 10.4 - Differential Fast channel 5.1 Ms 10.8 - Slow channel 4.8 Ms 10.8 - SINAD (5) Signal-to- noise and distortion ratio Single ended Fast channel 5.1 Ms 64 - dB Slow channel 4.8 Ms 63 - Differential Fast channel 5.1 Ms 67 - Slow channel 4.8 Ms 67 - SNR(5) Signal-to- noise ratio ADC clock freq. ≤ 72 MHz, Sampling freq ≤ 5 Msps, 2.0 V ≤ VDDA ≤ 3.6 V Single ended Fast channel 5.1 Ms 64 - dB Slow channel 4.8 Ms 64 - Differential Fast channel 5.1 Ms 67 - Slow channel 4.8 Ms 67 - THD(5) Total harmonic distortion Single ended Fast channel 5.1 Ms - -75 Slow channel 4.8 Ms - -75 Differential Fast channel 5.1 Ms - -79 Slow channel 4.8 Ms - -78 1. ADC DC accuracy values are measured after internal calibration. 2. ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins which may potentially inject negative current. Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC accuracy. 3. Better performance may be achieved in restricted VDDA, frequency and temperature ranges. 4. Data based on characterization results, not tested in production. 5. Value measured with a -0.5 dB full scale 50 kHz sine wave input signal. Table 64. ADC accuracy (1)(2)(3) (continued) Symbol Parameter Conditions Min(4) Max(4) Unit |