| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303X8 bảng dữ liệu(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303X8 bảng dữ liệu(HTML) 94 Page - STMicroelectronics |
|
94 / 115 page ![]() Electrical characteristics STM32F303x6/x8 94/115 DocID025083 Rev 5 Figure 29. Typical connection diagram using the ADC 1. Refer to Table 61 for the values of RAIN. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. General PCB design guidelines Power supply decoupling should be performed as shown in Figure 10: Power-supply scheme. The 10 nF capacitor should be ceramic (good quality) and it should be placed as close as possible to the chip. 6.3.19 DAC electrical specifications Table 66. DAC characteristics Symbol Parameter Conditions Min. Typ. Max. Unit VDDA Analog supply voltage - 2.4 - 3.6 V RLOAD(1) Resistive load DAC output buffer ON (to VSSA )5 - - k Ω RLOAD(1) Resistive load DAC output buffer ON (to VDDA)25 - - k Ω RO(1) Output impedance DAC output buffer OFF - - 15 k Ω CLOAD(1) Capacitive load DAC output buffer ON - - 50 pF VDAC_OUT( 1) Voltage on DAC_OUT output Corresponds to 12-bit input code (0x0E0) to (0xF1C) at VDDA = 3.6 V and (0x155) and (0xEAB) at VDDA = 2.4 V 0.2 - VDDA – 0.2 V DAC output buffer OFF -0.5 - mV -- VDDA– 1LSB V IDDA(3) DAC DC current consumption in quiescent mode(2) With no load, middle code (0x800) on the input - - 380 µA With no load, worst code (0xF1C) on the input. - - 480 µA |