| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101x2 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101x2 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 88 page ![]() DocID15275 Rev 16 15/88 STM8L101x1 STM8L101x2 STM8L101x3 Pin description 22 4 Pin description Figure 2. Standard 20-pin UFQFPN package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Note: The COMP_REF pin is not available in this standard 20-pin UFQFPN package. It is available on Port A6 in the Figure 3: 20-pin UFQFPN package pinout for STM8L101F1U6ATR, STM8L101F2U6ATR and STM8L101F3U6ATR part numbers. |