| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LQFP100 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LQFP100 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 116 page ![]() Debug JTAG Nexus2+ Package LQFP64(9) LQFP100 LQFP144 LQFP64(9) LQFP100 LQFP64(9) LQFP100 LQFP144 LQFP64(9) LQFP100 LBGA208 (10) 1. Feature set dependent on selected peripheral multiplexing—table shows example implementation. 2. Based on 125 °C ambient operating temperature. 3. See the eMIOS section of the device reference manual for information on the channel configuration and functions. 4. IC – Input Capture; OC – Output Compare; PWM – Pulse Width Modulation; MC – Modulus counter. 5. SCI0, SCI1 and SCI2 are available. SCI3 is not available. 6. CAN0, CAN1 are available. CAN2, CAN3, CAN4 and CAN5 are not available. 7. CAN0, CAN1 and CAN2 are available. CAN3, CAN4 and CAN5 are not available. 8. I/O count based on multiplexing with peripherals. 9. All LQFP64 information is indicative and must be confirmed during silicon validation. 10. LBGA208 available only as development package for Nexus2+. Table 2. SPC560B40x/50x and SPC560C40x/50x device comparison(1) (continued) Feature Device SPC560B 40L1 SPC560B 40L3 SPC560B 40L5 SPC560C 40L1 SPC560C 40L3 SPC560B 50L1 SPC560B 50L3 SPC560B 50L5 SPC560C 50L1 SPC560C 50L3 SPC560B 50B2 |