công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC560B54X bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện SPC560B54X
Giải thích chi tiết về linh kiện  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 81Page - STMicroelectronics SPC560B54X Datasheet HTML 82Page - STMicroelectronics SPC560B54X Datasheet HTML 83Page - STMicroelectronics SPC560B54X Datasheet HTML 84Page - STMicroelectronics SPC560B54X Datasheet HTML 85Page - STMicroelectronics SPC560B54X Datasheet HTML 86Page - STMicroelectronics SPC560B54X Datasheet HTML 87Page - STMicroelectronics SPC560B54X Datasheet HTML 88Page - STMicroelectronics SPC560B54X Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 133 page
background image
DocID15131 Rev 9
85/133
SPC560B54x/6x
Electrical characteristics
132
ECC circuitry provides correction of single bit faults and is used to improve further
automotive reliability results. Some units will experience single bit corrections throughout
the life of the product with no impact to product reliability.
4.10.2
Flash power supply DC characteristics
Table 32 shows the power supply DC characteristics on external supply.
Table 30. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
P/E
CC C
Number of program/erase
cycles per block for 16 KB
blocks over the operating
temperature range (TJ)
—
100000
—
—
cycles
P/E
CC C
Number of program/erase
cycles per block for 32 KB
blocks over the operating
temperature range (TJ)
—
10000
100000
—
cycles
P/E
CC C
Number of program/erase
cycles per block for 128 KB
blocks over the operating
temperature range (TJ)
—
1000
100000
—
cycles
Retention
CC C
Minimum data retention at
85 °C average ambient
temperature(1)
Blocks with
0–1000 P/E cycles
20
—
—
years
Blocks with
1001–10000 P/E
cycles
10
—
—
years
Blocks with
10001–100000 P/E
cycles
5—
—
years
1.
Ambient temperature averaged over duration of application, not to exceed recommended product operating temperature
range.
Table 31. Flash read access timing
Symbol
C
Parameter
Conditions(1)
Max
Unit
fREAD
CC
P
Maximum frequency for Flash reading
2 wait states
64
MHz
C
1 wait state
40
C
0 wait states
20
1.
VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com