công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC560B54X bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện SPC560B54X
Giải thích chi tiết về linh kiện  Variable length encoding
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B54X bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button SPC560B54X Datasheet HTML 53Page - STMicroelectronics SPC560B54X Datasheet HTML 54Page - STMicroelectronics SPC560B54X Datasheet HTML 55Page - STMicroelectronics SPC560B54X Datasheet HTML 56Page - STMicroelectronics SPC560B54X Datasheet HTML 57Page - STMicroelectronics SPC560B54X Datasheet HTML 58Page - STMicroelectronics SPC560B54X Datasheet HTML 59Page - STMicroelectronics SPC560B54X Datasheet HTML 60Page - STMicroelectronics SPC560B54X Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
DocID15131 Rev 9
57/133
SPC560B54x/6x
Electrical characteristics
132
For a detailed description of the NVUSRO register, please refer to the device reference
manual.
4.2.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 9 shows
how NVUSRO[PAD3V5V] controls the device configuration.
4.2.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the
OSCILLATOR_MARGIN bit value. Table 10 shows how NVUSRO[OSCILLATOR_MARGIN]
controls the device configuration.
4.2.3
NVUSRO[WATCHDOG_EN] field description
The watchdog enable/disable configuration after reset is dependent on the
WATCHDOG_EN bit value. Table 11 shows how NVUSRO[WATCHDOG_EN] controls the
device configuration.
Table 9. PAD3V5V field description(1)
1.
See the device reference manual for more information on the NVUSRO register.
Value(2)
2.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V
Table 10. OSCILLATOR_MARGIN field description(1)
1.
See the device reference manual for more information on the NVUSRO register.
Value(2)
2.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 11. WATCHDOG_EN field description
Value(1)
1.
Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Disable after reset
1
Enable after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com